Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR01WARZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADR01WARZ-R7
Description  Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR01WARZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADR01WARZ-R7 Datasheet HTML 12Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 13Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 14Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 15Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 16Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 17Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 18Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 19Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
ADR01/ADR02/ADR03/ADR06
Data Sheet
Rev. R | Page 20 of 20
ADR03 Ordering Guide
Model1, 2
Output
Voltage
VO (V)
Initial Accuracy
Temperature
Coefficient
(ppm/°C)
Temperature
Range
Package
Description
Package
Option
Ordering
Quantity
Branding
(mV)
(%)
ADR03AR-REEL7
2.5
5
0.2
10
–40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR03ARZ
2.5
5
0.2
10
–40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR03ARZ-REEL7
2.5
5
0.2
10
–40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR03WARZ-R7
2.5
5
0.2
10
–40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR03WARZ-RL
2.5
5
0.2
10
–40°C to +125°C
8-Lead SOIC_N
R-8
2500
ADR03BR
2.5
2.5
0.1
3
–40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR03BRZ
2.5
2.5
0.1
3
–40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR03BRZ-REEL7
2.5
2.5
0.1
3
–40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR03AUJZ-REEL7
2.5
5
0.2
25
–40°C to +125°C
5-Lead TSOT
UJ-5
3,000
R1J
ADR03BUJZ-REEL7
2.5
2.5
0.1
9
–40°C to +125°C
5-Lead TSOT
UJ-5
3,000
R1K
ADR03AKSZ-REEL7
2.5
5
0.2
25
–40°C to +125°C
5-Lead SC70
KS-5
3,000
R1J
ADR03BKSZ-REEL7
2.5
2.5
0.1
9
–40°C to +125°C
5-Lead SC70
KS-5
3,000
R1K
ADR03CRZ
2.5
5
0.1
40
–40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR03CRZ-REEL
2.5
5
0.1
40
–40°C to +125°C
8-Lead SOIC_N
R-8
2,500
1
Z = RoHS Compliant Part.
2
W = Qualified for automotive applications.
ADR06 Ordering Guide
Model1, 2
Output
Voltage
VO (V)
Initial Accuracy
Temperature
Coefficient
(ppm/°C)
Temperature
Range
Package
Description
Package
Option
Ordering
Quantity
Branding
(mV)
(%)
ADR06ARZ
3
6
0.2
10
–40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR06ARZ-REEL7
3
6
0.2
10
–40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR06WARZ-R7
3
6
0.2
10
–40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR06WARZ-RL
3
6
0.2
10
–40°C to +125°C
8-Lead SOIC_N
R-8
2500
ADR06BRZ
3
3
0.1
3
–40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR06BRZ-REEL7
3
3
0.1
3
–40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR06AUJZ-REEL7
3
6
0.2
25
–40°C to +125°C
5-Lead TSOT
UJ-5
3,000
R1L
ADR06BUJZ-REEL7
3
3
0.1
9
–40°C to +125°C
5-Lead TSOT
UJ-5
3,000
R1M
ADR06AKSZ-REEL7
3
6
0.2
25
–40°C to +125°C
5-Lead SC70
KS-5
3,000
R1L
ADR06BKSZ-REEL7
3
3
0.1
9
–40°C to +125°C
5-Lead SC70
KS-5
3,000
R1M
ADR06CRZ-REEL
3
6
0.2
40
–40°C to +125°C
8-Lead SOIC_N
R-8
2,500
1
Z = RoHS Compliant Part.
2
W = Qualified for automotive applications.
AUTOMOTIVE PRODUCTS
The ADR01W, ADR02W, ADR03W and ADR06W models are available with controlled manufacturing to support the quality and
reliability requirements of automotive applications. Note that these automotive models may have specifications that differ from the
commercial models; therefore, designers should review the Specifications section of this data sheet carefully. Only the automotive grade
products shown are available for use in automotive applications. Contact your local Analog Devices account representative for specific
product ordering information and to obtain the specific Automotive Reliability reports for these models.
©2002–2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D02747-0-1/12(R)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com