Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP710 Datasheet(PDF) 187 Page - Microchip Technology

Part # DSPIC33FJ64GP710
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP710 Datasheet(HTML) 187 Page - Microchip Technology

Back Button DSPIC33FJ64GP710 Datasheet HTML 183Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 184Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 185Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 186Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 187Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 188Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 189Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 190Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 185
dsPIC33FJXXXGPX06/X08/X10
18.0 UNIVERSAL ASYNCHRONOUS
RECEIVER TRANSMITTER
(UART)
The Universal Asynchronous Receiver Transmitter
(UART) module is one of the serial I/O modules
available
in
the
dsPIC33FJXXXGPX06/X08/X10
device family. The UART is a full-duplex asynchronous
system that can communicate with peripheral devices,
such as personal computers, LIN, RS-232 and RS-485
interfaces. The module also supports a hardware flow
control option with the UxCTS and UxRTS pins and
also includes an IrDA® encoder and decoder.
The primary features of the UART module are:
• Full-Duplex, 8 or 9-bit Data Transmission through
the UxTX and UxRX pins
• Even, Odd or No Parity Options (for 8-bit data)
• One or Two Stop bits
• Hardware Flow Control Option with UxCTS and
UxRTS pins
• Fully Integrated Baud Rate Generator with 16-bit
Prescaler
• Baud rates ranging from 1 Mbps to 15 bps at 16x
mode at 40 MIPS
• Baud rates ranging from 4 Mbps to 61 bps at 4x mode
at 40 MIPS
• 4-deep First-In-First-Out (FIFO) Transmit Data
Buffer
• 4-Deep FIFO Receive Data Buffer
• Parity, Framing and Buffer Overrun Error Detection
• Support for 9-bit mode with Address Detect
(9th bit = 1)
• Transmit and Receive Interrupts
• A Separate Interrupt for all UART Error Conditions
• Loopback mode for Diagnostic Support
• Support for Sync and Break Characters
• Supports Automatic Baud Rate Detection
•IrDA® Encoder and Decoder Logic
• 16x Baud Clock Output for IrDA® Support
A simplified block diagram of the UART is shown in
Figure 18-1. The UART module consists of the key
important hardware elements:
• Baud Rate Generator
• Asynchronous Transmitter
• Asynchronous Receiver
FIGURE 18-1:
UART SIMPLIFIED BLOCK DIAGRAM
Note:
This data sheet summarizes the features
of the dsPIC33FJXXXGPX06/X08/X10
family of devices. However, it is not
intended to be a comprehensive reference
source. To complement the information in
this data sheet, refer to Section 17.
“UART” (DS70188) in the “dsPIC33F
Family Reference Manual”, which is
available from the Microchip web site
(www.microchip.com).
Note 1: Both UART1 and UART2 can trigger a DMA data transfer. If U1TX, U1RX, U2TX or U2RX is selected as
a DMA IRQ source, a DMA transfer occurs when the U1TXIF, U1RXIF, U2TXIF or U2RXIF bit gets set as
a result of a UART1 or UART2 transmission or reception.
2: If DMA transfers are required, the UART TX/RX FIFO buffer must be set to a size of 1 byte/word (i.e.,
UTXISEL<1:0> = 00 and URXISEL<1:0> = 00).
UxRX
Hardware Flow Control
UART Receiver
UART Transmitter
UxTX
BCLK
Baud Rate Generator
UxRTS
IrDA®
UxCTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com