Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP710 Datasheet(PDF) 191 Page - Microchip Technology

Part # DSPIC33FJ64GP710
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP710 Datasheet(HTML) 191 Page - Microchip Technology

Back Button DSPIC33FJ64GP710 Datasheet HTML 187Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 188Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 189Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 190Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 191Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 192Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 193Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 194Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 195Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 189
dsPIC33FJXXXGPX06/X08/X10
bit 5
ADDEN: Address Character Detect bit (bit 8 of received data = 1)
1
= Address Detect mode enabled. If 9-bit mode is not selected, this does not take effect
0
= Address Detect mode disabled
bit 4
RIDLE: Receiver Idle bit (read-only)
1
= Receiver is Idle
0
= Receiver is active
bit 3
PERR: Parity Error Status bit (read-only)
1
= Parity error has been detected for the current character (character at the top of the receive FIFO)
0
= Parity error has not been detected
bit 2
FERR: Framing Error Status bit (read-only)
1
= Framing error has been detected for the current character (character at the top of the receive
FIFO)
0
= Framing error has not been detected
bit 1
OERR: Receive Buffer Overrun Error Status bit (read/clear only)
1
= Receive buffer has overflowed
0
= Receive buffer has not overflowed. Clearing a previously set OERR bit (1
→ 0 transition) will reset
the receiver buffer and the UxRSR to the empty state
bit 0
URXDA: Receive Buffer Data Available bit (read-only)
1
= Receive buffer has data, at least one more character can be read
0
= Receive buffer is empty
REGISTER 18-2:
UxSTA: UARTx STATUS AND CONTROL REGISTER (CONTINUED)
Note 1: Refer to Section 17. “UART” (DS70188) in the “dsPIC33F Family Reference Manual” for information on
enabling the UART module for transmit operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com