Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP710 Datasheet(PDF) 190 Page - Microchip Technology

Part # DSPIC33FJ64GP710
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP710 Datasheet(HTML) 190 Page - Microchip Technology

Back Button DSPIC33FJ64GP710 Datasheet HTML 186Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 187Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 188Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 189Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 190Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 191Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 192Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 193Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 194Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 188
© 2009 Microchip Technology Inc.
REGISTER 18-2:
UxSTA: UARTx STATUS AND CONTROL REGISTER
R/W-0
R/W-0
R/W-0
U-0
R/W-0 HC
R/W-0
R-0
R-1
UTXISEL1
UTXINV
UTXISEL0
—
UTXBRK
UTXEN(1)
UTXBF
TRMT
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R-1
R-0
R-0
R/C-0
R-0
URXISEL<1:0>
ADDEN
RIDLE
PERR
FERR
OERR
URXDA
bit 7
bit 0
Legend:
HC = Hardware cleared
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15,13
UTXISEL<1:0>: Transmission Interrupt Mode Selection bits
11
= Reserved; do not use
10
= Interrupt when a character is transferred to the Transmit Shift Register, and as a result, the
transmit buffer becomes empty
01
= Interrupt when the last character is shifted out of the Transmit Shift Register; all transmit
operations are completed
00
= Interrupt when a character is transferred to the Transmit Shift Register (this implies there is
at least one character open in the transmit buffer)
bit 14
UTXINV: Transmit Polarity Inversion bit
If IREN = 0:
1
= UxTX Idle state is ‘0’
0
= UxTX Idle state is ‘1’
If IREN = 1:
1
=IrDA® encoded UxTX Idle state is ‘1’
0
=IrDA® encoded UxTX Idle state is ‘0’
bit 12
Unimplemented: Read as ‘0’
bit 11
UTXBRK: Transmit Break bit
1
= Send Sync Break on next transmission - Start bit, followed by twelve ‘0’ bits, followed by Stop bit;
cleared by hardware upon completion
0
= Sync Break transmission disabled or completed
bit 10
UTXEN: Transmit Enable bit(1)
1
= Transmit enabled, UxTX pin controlled by UARTx
0
= Transmit disabled, any pending transmission is aborted and buffer is reset. UxTX pin controlled
by port
bit 9
UTXBF: Transmit Buffer Full Status bit (read-only)
1
= Transmit buffer is full
0
= Transmit buffer is not full, at least one more character can be written
bit 8
TRMT: Transmit Shift Register Empty bit (read-only)
1
= Transmit Shift Register is empty and transmit buffer is empty (the last transmission has completed)
0
= Transmit Shift Register is not empty, a transmission is in progress or queued
bit 7-6
URXISEL<1:0>: Receive Interrupt Mode Selection bits
11
= Interrupt is set on UxRSR transfer making the receive buffer full (i.e., has 4 data characters)
10
= Interrupt is set on UxRSR transfer making the receive buffer 3/4 full (i.e., has 3 data characters)
0x
= Interrupt is set when any character is received and transferred from the UxRSR to the receive
buffer. Receive buffer has one or more characters
Note 1: Refer to Section 17. “UART” (DS70188) in the “dsPIC33F Family Reference Manual” for information on
enabling the UART module for transmit operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com