Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1104 Datasheet(PDF) 7 Page - ams AG

Part # AS1104
Description  Low-Dropout LED Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1104 Datasheet(HTML) 7 Page - ams AG

Back Button AS1104 Datasheet HTML 3Page - ams AG AS1104 Datasheet HTML 4Page - ams AG AS1104 Datasheet HTML 5Page - ams AG AS1104 Datasheet HTML 6Page - ams AG AS1104 Datasheet HTML 7Page - ams AG AS1104 Datasheet HTML 8Page - ams AG AS1104 Datasheet HTML 9Page - ams AG AS1104 Datasheet HTML 10Page - ams AG AS1104 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.austriamicrosystems.com
Revision 1.5
6 - 13
AS1101/AS1102/AS1103/AS1104
Data Sheet - Ty pi c al Pe r fo r m a nc e C h ar a c te r i sti c s
7 Typical Performance Characteristics
Figure 3. Set Current vs. VCTRL
Figure 4. Set Current vs.VSET; RSET = 30k
Ω
Figure 5. AS1101 ILED vs. VSAT
Figure 6. AS1102, AS1103, AS1104 ILED vs. VSAT
Figure 7. AS1101 OMCR vs. ISET
Figure 8. AS1102, AS1103, AS1104 OMCR vs. ISET
0
10
20
30
40
50
60
70
80
90
100
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
VCTRL (V)
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VSET (V)
5
10
15
20
25
30
0.0
0.2
0.4
0.6
0.8
1.0
VSAT (V)
5
10
15
20
25
30
35
0.0
0.2
0.4
0.6
0.8
1.0
VSAT (V)
ISET = 50µA
ISET = 25µA
ISET = 100µA
ISET = 50µA
ISET = 25µA
0
100
200
300
400
500
600
700
0
20
40
60
80
100 120 140 160
ISET (µA)
0
50
100
150
200
250
300
350
0
20
40
60
80
100 120 140 160
ISET (µA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com