Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1104 Datasheet(PDF) 4 Page - ams AG

Part # AS1104
Description  Low-Dropout LED Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1104 Datasheet(HTML) 4 Page - ams AG

  AS1104 Datasheet HTML 1Page - ams AG AS1104 Datasheet HTML 2Page - ams AG AS1104 Datasheet HTML 3Page - ams AG AS1104 Datasheet HTML 4Page - ams AG AS1104 Datasheet HTML 5Page - ams AG AS1104 Datasheet HTML 6Page - ams AG AS1104 Datasheet HTML 7Page - ams AG AS1104 Datasheet HTML 8Page - ams AG AS1104 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.austriamicrosystems.com
Revision 1.5
3 - 13
AS1101/AS1102/AS1103/AS1104
Data Sheet - Ab solute Maximum Ratings
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those listed in Electrical Characteristics
on page 4 is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reli-
ability.
The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020C “Mois-
ture/Reflow Sensitivity Classification for Non-Hermetic Solid State Surface Mount Devices”.
Operating Conditions
Not applicable to AS1103.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Unit
Comment
VI1, VI2, VI3, VI4, CTRL and ON Voltage to GND
-0.3
5
V
Power Dissipated by Device at TAMB = 85°C
200
mW
SC70-6
250
mW
MSOP-8
I1, I2, I3, I4 Steady State Current
100
mA
Package Body Temperature
260
ºC
Junction Temperature
150
ºC
Storage Temperature
-65
150
ºC
Electrostatic Discharge Protection (ESD) Level
2
kV
Human Body Model;
Norm: MIL-STD883E 3015 methods.
Table 3. Recommended Operating Conditions
Parameter
Min
Typ
Max
Unit
Comments
LED Cathode Voltage
0.15
0.6
3.6
V
Enable Voltage ON Mode
2.2
3.0
3.6
V
Enable Voltage OFF Mode
00.2
0.5
V
Ambient Temperature
-40
25
85
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com