Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1104 Datasheet(PDF) 2 Page - ams AG

Part # AS1104
Description  Low-Dropout LED Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1104 Datasheet(HTML) 2 Page - ams AG

  AS1104 Datasheet HTML 1Page - ams AG AS1104 Datasheet HTML 2Page - ams AG AS1104 Datasheet HTML 3Page - ams AG AS1104 Datasheet HTML 4Page - ams AG AS1104 Datasheet HTML 5Page - ams AG AS1104 Datasheet HTML 6Page - ams AG AS1104 Datasheet HTML 7Page - ams AG AS1104 Datasheet HTML 8Page - ams AG AS1104 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AS1101, AS1102, AS1103, AS1104
Low-Dropout LED Drivers
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.5
1 - 13
1 General Description
The AS1101/AS1102/AS1103/AS1104 are LED drivers
designed to match current source bias for any color
LED, including white and blue. The devices can drive up
to 4 high-current LEDs, and the LED current is program-
mable using an external resistor (RSET).
The AS1101 LED currents are 460 x ISET (per LED, typ)
at an LED cathode voltage (VSAT) of 150mV and 650 x
ISET (typ) at a VSAT of 1V, where ISET is the current
through RSET connected to pin CTRL.
The AS1102, AS1103, and AS1104 LED currents are
230 x ISET (per LED, typ) at a VSAT of 150mV and 325 x
ISET (typ) at a VSAT of 1V.
The AS1101, AS1102, and AS1104 incorporate a chip-
enable feature via pin ON. When the devices are dis-
abled, the supply current drops to less than 1µA.
The AS1101, AS1102, and AS1103 are available in a
6-pin SC70 package; the AS1104 is available in a 8-pin
MSOP package.
Figure 1. Typical Application Diagrams
2 Key Features
!
LED Drivers for Parallel-Connected LEDs
!
Ultra-Low Voltage Drop: Less Than 150mV (for Li-
ion Battery Support)
!
Analog and PWM Brightness Control
!
Up to 80mA per LED (AS1101)
!
Up to 40mA per LED (AS1102, AS1103, AS1104)
!
No Electromagnetic Interference, No Switching-
Noise
!
Current-Matching Requires No External Compo-
nents
!
Active-Low Shutdown Mode (AS1101, AS1102,
and AS1103)
!
Low Shutdown-Current: Less Than 1µA
!
SC70-6 Package (AS1101, AS1102, and AS1103)
!
MSOP-8 Package (AS1104)
3 Applications
The AS110x devices are ideal for LED displays and key-
board backlights, as well as lighting management units
for battery powered audio devices such as MP3 and CD
players, mobile and cordless phones, PDAs, portable
DVD players, and consumer electronics.
4 Diode Control with Enable
3 Diode Control with Enable
AS1103
4 Diode Control
VIN
AS1101
ISET
2 Diode Control with Enable
VIN
RSET
ENABLE
VSET
(3V)
VSAT
GND
GND
CTRL
I3/I4
I1/I2
ON
ISET
RSET
VSET
(3V)
CTRL
VSAT
I1
I2
I3
I4
AS1102
ISET
VIN
RSET
ENABLE
VSET
(3V)
GND
CTRL
ON
VSAT
I1
I2
I3
AS1104
VIN
GND
VSAT
I1
I2
I3
I4
ISET
RSET
ENABLE
VSET
(3V)
CTRL
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com