Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1106PL Datasheet(PDF) 8 Page - ams AG

Part # AS1106PL
Description  8-Digit LED Display Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1106PL Datasheet(HTML) 8 Page - ams AG

Back Button AS1106PL Datasheet HTML 4Page - ams AG AS1106PL Datasheet HTML 5Page - ams AG AS1106PL Datasheet HTML 6Page - ams AG AS1106PL Datasheet HTML 7Page - ams AG AS1106PL Datasheet HTML 8Page - ams AG AS1106PL Datasheet HTML 9Page - ams AG AS1106PL Datasheet HTML 10Page - ams AG AS1106PL Datasheet HTML 11Page - ams AG AS1106PL Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1106_07
Revision 2.28
7 - 21
AS1106, AS1107
Datasheet - Ty pical Operating Characteristics
Figure 7. AS1106 Segment Output Current
Figure 8. AS1107 Segment Output Current
Figure 9. ISEG vs. VOUT
Figure 10. ISEG vs. VOUT
Figure 11. ISEG vs. RSET
Intensity = 31/32 (0Fh)
0
5
10
15
20
25
30
35
40
45
50
0.0
5.0 10.0 15.0 20.0 25.0 30.0 35.0 40.0
Time (µs)
Intensity = 15/16 (0Fh)
0
5
10
15
20
25
30
35
40
45
50
0.0
5.0 10.0 15.0 20.0 25.0 30.0 35.0 40.0
Time (µs)
0
5
10
15
20
25
30
35
40
45
50
00.5
11.5
22.533.5
44.5
5
VOUT (V)
VDD = 2.7V
0
5
10
15
20
25
00.511.522.5
VOUT (V)
RSET = 10k
Ω
RSET = 20k
Ω
RSET = 40k
Ω
RSET = 40k
Ω
RSET = 10k
Ω
RSET = 20k
Ω
0
10
20
30
40
50
60
0
10
2030
4050
6070
80
RSET (k
Ω)
VOUT = 2.4V
VOUT
= 4V
VOUT = 2V
VOUT = 1.7V
VDD = 2.7V
VDD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com