Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1106PL Datasheet(PDF) 11 Page - ams AG

Part # AS1106PL
Description  8-Digit LED Display Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1106PL Datasheet(HTML) 11 Page - ams AG

Back Button AS1106PL Datasheet HTML 7Page - ams AG AS1106PL Datasheet HTML 8Page - ams AG AS1106PL Datasheet HTML 9Page - ams AG AS1106PL Datasheet HTML 10Page - ams AG AS1106PL Datasheet HTML 11Page - ams AG AS1106PL Datasheet HTML 12Page - ams AG AS1106PL Datasheet HTML 13Page - ams AG AS1106PL Datasheet HTML 14Page - ams AG AS1106PL Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1106_07
Revision 2.28
10 - 21
AS1106, AS1107
Datasheet - Detailed Descr i pti on
8.5.1 Shutdown Register (0xXC)
The Shutdown Register controls AS1106/AS1107 shutdown mode (see Shutdown Mode on page 9).
8.5.2 Decode Enable Register (0xX9)
The Decode Enable Register sets the decode mode. BCD/HEX decoding (either BCD code – characters 0:9, E, H, L, P, and -, or HEX code –
characters 0:9 and A:F) is selected by bit D2 (page 13) of the Feature Register. The Decode Enable Register is used to select the decode mode
or no-decode for each digit. Each bit in the Decode Enable Register corresponds to its respective display digit (i.e., bit D0 corresponds to digit 0,
bit D1 corresponds to digit 1 and so on). Table 10 lists some examples of the possible settings for the Decode Enable Register bits.
Note:
A logic high enables decoding and a logic low bypasses the decoder altogether.
When decode mode is used, the decoder looks only at the lower-nibble (bits D3:D0) of the data in the Digit-Registers, disregarding bits D6:D4.
Bit D7 sets the decimal point (SEG DP) independent of the decoder and is positive logic (bit D7 = 1 turns the decimal point on). Table 10 lists the
code-B font; Table 11 lists the HEX font.
When no-decode mode is selected, data bits D7:D0 of the Digit-Registers correspond to the segment lines of the AS1106/AS1107. Table 12
shows the 1:1 pairing of each data bit to the appropriate segment line.
Figure 13. Standard 7-Segment LED Intensity Control and Inter-Digit Blanking
Table 8. Shutdown Register Format (Address (HEX) = 0xXC))
Mode
HEX Code
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
Shutdown Mode,
Reset Feature Register to Default Settings
0x00
0
XXXXXX
0
Shutdown Mode, Feature Register Unchanged
0x80
1
XXXXXX
0
Normal Operation,
Reset Feature Register to Default Settings
0x01
0
XXXXXX
1
Normal Operation, Feature Register Unchanged
0x81
1
XXXXXX
1
Table 9. Decode Enable Register Format (Address (HEX) = 0xX9))
Decode Mode
HEX Code
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
No decode for digits 7:0
0x00
000
0000
0
Code-B/HEX decode for digit 0. No decode for digits 7:1
0x01
0
0
0
0000
1
Code-B/HEX decode for digits 3:0. No decode for digits 7:4
0x0F
000
0111
1
Code-B/HEX decode for digits 7:0
0xFF
111
1111
1
Table 10. Code-B Font
7-Segment Character
Register Data
On Segments = 1
D7
D6:D4
D3
D2
D1
D0
DP
A
B
C
D
E
F
G
0
X
0000
11111
10
1
X
0001
01100
00
2
X
0010
11011
01
3
X
0011
11110
01
4
X
0100
01100
11
A
B
G
F
E
D
C
DP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com