Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1106PL Datasheet(PDF) 3 Page - ams AG

Part # AS1106PL
Description  8-Digit LED Display Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1106PL Datasheet(HTML) 3 Page - ams AG

  AS1106PL Datasheet HTML 1Page - ams AG AS1106PL Datasheet HTML 2Page - ams AG AS1106PL Datasheet HTML 3Page - ams AG AS1106PL Datasheet HTML 4Page - ams AG AS1106PL Datasheet HTML 5Page - ams AG AS1106PL Datasheet HTML 6Page - ams AG AS1106PL Datasheet HTML 7Page - ams AG AS1106PL Datasheet HTML 8Page - ams AG AS1106PL Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1106_07
Revision 2.28
2 - 21
AS1106, AS1107
Datasheet - Pin Assignm ents
4 Pin Assignments
Figure 2. DIP and SO Pin Assignments (Top View)
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
1
DIN
Serial-Data Input. Data is loaded into the internal 16-bit shift register on the rising edge of
pin CLK.
2, 3, 5, 6, 7, 8, 10,
11
DIG 0:DIG 7
Digit Drive Lines. 8 Eight-digit drive lines that sink current from the display common
cathode. The AS1106 pulls the digit outputs to VDD when turned off. The AS1107 digit drivers
are high-impedance when turned off.
4, 9
GND
Ground. Both GND pins must be connected.
12
LOAD/CSN
Load-Data Input (AS1106 only). The last 16 bits of serial data are latched on the rising edge
of this pin.
Chip-Select Input (AS1107 or AS1106 SPI-enabled only). Serial data is loaded into the shift
register while this pin is low. The last 16 bits of serial data are latched on the rising edge of
this pin.
13
CLK
Serial-Clock Input. 10MHz maximum rate. Data is shifted into the internal shift register on
the rising edge of this pin. Data is clocked out of pin DOUT on the falling edge of this pin. On
the AS1107 or AS1106 SPI-enabled, the CLK input is active only while LOAD/CSN is low.
14, 15, 16, 17, 20,
21, 22, 23
SEG A:SEG G, SEG DP
Seven Segment and Decimal Point Drive Lines. 8 seven-segment drives and decimal
point drive that source current to the display. On the AS1106, when a segment driver is
turned off it is pulled to GND. The AS1107 segment drivers are high-impedance when turned
off.
18
ISET
Set Segment Current. Connect to VDD through RSET to set the peak segment current (see
Selecting RSET Resistor Value and Using External Drivers on page 14).
19
VDD
Positive Supply Voltage. Connect to +2.7 to +5.5V supply.
24
DOUT
Serial-Data Output. The data into pin DIN is valid at pin DOUT 16.5 clock cycles later. This
pin is used to daisy-chain several AS1106/AS1107 devices and is never high-impedance.
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
DOUT
SEG D
SEG DP
SEG E
SEG C
VDD
ISET
SEG G
SEG B
SEG F
SEG A
CLK
DIN
DIG 0
DIG 4
GND
DIG 6
DIG 2
DIG 3
DIG 7
GND
DIG 5
DIG 1
LOAD/CSN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com