Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1116 Datasheet(PDF) 11 Page - ams AG

Part # AS1116
Description  64 LED Dr iver wi th Detai led Er ror Detect ion
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1116 Datasheet(HTML) 11 Page - ams AG

Back Button AS1116 Datasheet HTML 7Page - ams AG AS1116 Datasheet HTML 8Page - ams AG AS1116 Datasheet HTML 9Page - ams AG AS1116 Datasheet HTML 10Page - ams AG AS1116 Datasheet HTML 11Page - ams AG AS1116 Datasheet HTML 12Page - ams AG AS1116 Datasheet HTML 13Page - ams AG AS1116 Datasheet HTML 14Page - ams AG AS1116 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1116
Revision 1.08
10 - 23
AS1116
Datasheet - D e t a i l e d D e s c r i p t i o n
Figure 19. Interface Timing
Initial Power-Up
On initial power-up, the AS1116 registers are reset to their default values, the display is blanked, and the device goes into shutdown mode. At
this time, all registers should be programmed for normal operation.
Note:
The default settings enable only scanning of one digit; the internal decoder is disabled and the Intensity Control Register (see page
15
) is set to the minimum values.
Shutdown Mode
The AS1116 devices feature a shutdown mode, where they consume only 200nA (typ) current. Shutdown mode is entered via a write to the Shut-
down Register (see Table 8). For the AS1116, at that point, all segment current sources and digital drivers are switched off, so that all segments
are blanked.
Note:
During shutdown mode the Digit-Registers maintain their data.
Shutdown mode can either be used as a means to reduce power consumption or for generating a flashing display (repeatedly entering and leav-
ing shutdown mode). For minimum supply current in shutdown mode, logic input should be at GND or VDD (CMOS logic level).
When entering or leaving shutdown mode, the Feature Register is reset to its default values (all 0s) when Shutdown Register bit D7 (page 12) =
0.
Note:
When Shutdown Register bit D7 = 1, the Feature Register is left unchanged when entering or leaving shutdown mode. If the AS1116
is used with an external clock, Shutdown Register bit D7 should be set to 1 when writing to the Shutdown Register.
tCL
LD
SCL
SDI
SDO
D0
D1
D14
D15
tDO
tCSS
tDS
tDH
tCH
tCP
tCSH
tCSW
tLDCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com