Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1116 Datasheet(PDF) 5 Page - ams AG

Part # AS1116
Description  64 LED Dr iver wi th Detai led Er ror Detect ion
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1116 Datasheet(HTML) 5 Page - ams AG

  AS1116 Datasheet HTML 1Page - ams AG AS1116 Datasheet HTML 2Page - ams AG AS1116 Datasheet HTML 3Page - ams AG AS1116 Datasheet HTML 4Page - ams AG AS1116 Datasheet HTML 5Page - ams AG AS1116 Datasheet HTML 6Page - ams AG AS1116 Datasheet HTML 7Page - ams AG AS1116 Datasheet HTML 8Page - ams AG AS1116 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1116
Revision 1.08
4 - 23
AS1116
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VDD = 2.7 to 5.5V, RSET = 9.53k
Ω, Typical values are at TAMB = +25°C, VDD = 5.0V (unless otherwise specified). All limits are guaranteed. The
parameters with min and max values are guaranteed with production tests or SQC (Statistical Quality Control) methods.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TAMB
Operating Temperature Range
-40
+85
°C
TJ
Operating Junction Temperature
-40
+125
°C
VDD
Operating Supply Voltage
2.7
5.5
V
IDDSD
Shutdown Supply Current
All digital inputs at VDD or GND,
TAMB = +25ºC
0.2
2
A
IDD
Operating Supply Current
RSET = open circuit.
0.35
0.6
mA
All segments and decimal point on;
ISEG = -40mA.
335
fOSC
Display Scan Rate
8 digits scanned
0.6
0.8
1.2
kHz
IDIGIT
Digit Drive Sink Current
VOUT = 0.65V
320
mA
ISEG
Segment Drive Source Current
VDD = 5.0V, VOUT = (VDD -1V)
-37
-42
-47
mA
∆ISEG
Segment Drive Current Matching
3
%
ISEG
Segment Drive Source Current
Average Current
47
mA
Table 4. Logic Inputs/Outputs Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IIH, IIL
Input Current SDI, SCL, LD
VIN = 0V or VDD
-1
1
A
VIH
Logic High Input Voltage
4.5V < VDD < 5.5V
0.6 x VDD
V
2.7V < VDD < 4.5V
0.7 x VDD
V
VIL
Logic Low Input Voltage
VDD = 5.0V
0.8
V
VDD = 3.0V
0.6
VOH
Output High Voltage
SDO, ISOURCE = -1mA,
VDD = 5.0V
VDD - 1
V
SDO, ISOURCE = -1mA,
VDD = 3.0V
VDD - 0.5
VOL
Output Low Voltage
SDO, ISINK = 1mA
0.4
V
∆VI
Hysteresis Voltage
SDI, SCL, LD
1
V
Open Detection Level Threshold
0.7x
VDD
0.75x
VDD
0.8x
VDD
V
Short Detection Level Threshold
0.05x VDD
0.1x
VDD
0.15x
VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com