Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1116 Datasheet(PDF) 4 Page - ams AG

Part # AS1116
Description  64 LED Dr iver wi th Detai led Er ror Detect ion
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1116 Datasheet(HTML) 4 Page - ams AG

  AS1116 Datasheet HTML 1Page - ams AG AS1116 Datasheet HTML 2Page - ams AG AS1116 Datasheet HTML 3Page - ams AG AS1116 Datasheet HTML 4Page - ams AG AS1116 Datasheet HTML 5Page - ams AG AS1116 Datasheet HTML 6Page - ams AG AS1116 Datasheet HTML 7Page - ams AG AS1116 Datasheet HTML 8Page - ams AG AS1116 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1116
Revision 1.08
3 - 23
AS1116
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Section 6 Electrical Characteristics on page 4 is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Notes
Electrical Parameters
Input Voltage Range
VDD to GND
-0.3
7
V
All other pins to GND
-0.3
7 or
VDD + 0.3
V
Current
DIG0:DIG7 Sink Current
500
mA
SEGA:SEGG, SEGDP
100
mA
Input Current (latch-up immunity)
±100
mA
Norm: JEDEC 78
Electrostatic Discharge
Electrostatic Discharge
Digital outputs
1000
V
Norm: MIL 833 E method 3015
All other pins
1000
V
Thermal Information
Thermal Resistance
ΘJA
88
ºC/W
on PCB, QSOP-24 package
30.5
ºC/W
on PCB, TQFN(4x4)-24 package
Temperature Ranges and Storage Conditions
Junction Temperature
+150
°C
Storage Temperature
-55
+150
ºC
Package Body Temperature
+260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with
IPC/JEDEC J-STD-020 “Moisture/Reflow
Sensitivity Classification for Non-Hermetic
Solid State Surface Mount Devices”.
The lead finish for Pb-free leaded packages
is matte tin (100% Sn).
Humidity non-condensing
5
85
%
Moisture Sensitive Level
QSOP-24 package
1
%
Represents a max. floor life time of unlimited
TQFN(4x4)-24 package
3
%
Represents a max. floor life time 168h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com