Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1109 Datasheet(PDF) 14 Page - ams AG

Part # AS1109
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1109 Datasheet(HTML) 14 Page - ams AG

Back Button AS1109 Datasheet HTML 10Page - ams AG AS1109 Datasheet HTML 11Page - ams AG AS1109 Datasheet HTML 12Page - ams AG AS1109 Datasheet HTML 13Page - ams AG AS1109 Datasheet HTML 14Page - ams AG AS1109 Datasheet HTML 15Page - ams AG AS1109 Datasheet HTML 16Page - ams AG AS1109 Datasheet HTML 17Page - ams AG AS1109 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
www.ams.com/LED-Driver-ICs/AS1109
Revision 1.21
13 - 24
AS1109
Datasheet - Detailed Descr i p ti on
8.6.2 Detailed Open-LED Error Report
The detailed open-LED error report can be read out immediately after global error mode has been run.
Figure 16. Detailed Open-LED Error Report Timing Diagram
Detailed Open-LED Error Report Example
Consider a case where five AS1109s are cascaded in one chain. A 1 indicates a LED is on, a 0 indicates a LED is off, and an X indicates an open
LED. The open-LED test is only applied to LEDs that are turned on. This test is used with a test pattern where all LEDs are on at test time.
IC1:[11111111] IC2:[111XX111] IC3:[11111111] IC4:[1X111111] IC5:[11111111]
IC2 has two open LEDs and IC4 has one open LED switched on due to input. 5*8 clock cycles are needed to write the entire error code out. The
detailed error report would look like this:
Comparing this report with the input data indicates that IC2 is the device with two open LEDs at position 4 and 5 and IC4 with an open LED at
second position. For such a test it is recommended to enter low-current diagnostic mode first (see Low-Current Diagnostic Mode on page 14) to
reduce onscreen flickering.
Note:
In an actual report there are no spaces in the output.
LEDs turned off during test time cannot be tested.
Input Data: 1 111 1111
11 1111 11
1 111 1111
111 111 11
1 1111 111
LED Status: 1 111 1111
11 1X X 1 11
1 111 1111
1X 1 111 11
1 1111 111
Failure Code: 1 111 1111
11 1001 11
1 111 1111
101 111 11
1 1111 111
Global Flag Readout
Detailed Error Report Readout
SDI
OEN
LD
CLK
SDO
tH(L)
Open Error Report Output
New Data Input
tP4
tP1
tP4
tSW(ERROR)
tSU(ERROR)
tTESTING
DBit0
DBit1
DBit2
DBit3
DBit4
DBit5
DBit6
OBit0
OBit1
OBit2
OBit3
OBit4
OBit5
OBit6
Don’t
Care
Don’t
Care
OBit7
TFlag
OFlag
DBit7
For detailed timing information see Timing Diagrams on page 8.
tGSW(ERROR)
tGSW(ERROR)
tGSW(ERROR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com