Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1109 Datasheet(PDF) 20 Page - ams AG

Part # AS1109
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1109 Datasheet(HTML) 20 Page - ams AG

Back Button AS1109 Datasheet HTML 16Page - ams AG AS1109 Datasheet HTML 17Page - ams AG AS1109 Datasheet HTML 18Page - ams AG AS1109 Datasheet HTML 19Page - ams AG AS1109 Datasheet HTML 20Page - ams AG AS1109 Datasheet HTML 21Page - ams AG AS1109 Datasheet HTML 22Page - ams AG AS1109 Datasheet HTML 23Page - ams AG AS1109 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
www.ams.com/LED-Driver-ICs/AS1109
Revision 1.21
19 - 24
AS1109
Datasheet - Application In form atio n
9.5 Package Power Dissipation
The maximum allowable package power dissipation (PD) is determined as:
PD(MAX) = (TJ-TAMB)/RTH(J-A)
(EQ 4)
When 8 output channels are turned on simultaneously, the actual package power dissipation is:
PD(ACT) = (IDD*VDD) + (IOUT*Duty*VDS*8)
(EQ 5)
Therefore, to keep PD(ACT)
≤ PD(MAX), the allowable maximum output current as a function of duty cycle is:
IOUT = {[(TJ-TAMB)/RTH(J-A)]-(IDD*VDD)}/VDS/Duty/8
(EQ 6)
Where:
TJ = 150ºC
9.6 Delayed Outputs
The AS1109 has graduated delay circuits between outputs. These delay circuits can be found between OUTNn and constant current block.
The fixed delay time is 20 ns (typ) where OUTN0 has no delay, OUTN1 has 20ns delay, OUTN2 has 40ns delay ... OUTN7 has 140ns delay. This
delay prevents large inrush currents, which reduce power supply bypass capacitor requirements when the outputs turn on (see Figure 12 on
page 9)
9.7 Switching-Noise Reduction
LED drivers are frequently used in switch-mode applications which normally exhibit switching noise due to parasitic inductance on the PCB.
9.8 Load Supply Voltage
Considering the package power dissipation limits (see EQ 4:6), the AS1109 should be operated within the range of
VDS = 0.4 to 1.0V.
For example, if VLED is higher than 5V, VDS may be so high that PD(ACT) > PD(MAX) where VDS = VLED - VF. In this case, the lowest possible
supply voltage or a voltage reducer (VDROP) should be used. The voltage reducer allows
VDS = (VLED -VF) - VDROP.
Note:
Resistors or zener diodes can be used as a voltage reducer as shown in Figure 24.
Figure 24. Voltage Reducer using Resistor (Left) and Zener Diode (Right)
AS1109
VDS
VF
Voltage Supply
}
VLED
VDROP
AS1109
VDS
VF
VLED
VDROP
Voltage Supply
{



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com