Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1109 Datasheet(PDF) 19 Page - ams AG

Part # AS1109
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1109 Datasheet(HTML) 19 Page - ams AG

Back Button AS1109 Datasheet HTML 15Page - ams AG AS1109 Datasheet HTML 16Page - ams AG AS1109 Datasheet HTML 17Page - ams AG AS1109 Datasheet HTML 18Page - ams AG AS1109 Datasheet HTML 19Page - ams AG AS1109 Datasheet HTML 20Page - ams AG AS1109 Datasheet HTML 21Page - ams AG AS1109 Datasheet HTML 22Page - ams AG AS1109 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
www.ams.com/LED-Driver-ICs/AS1109
Revision 1.21
18 - 24
AS1109
Datasheet - Application In form atio n
9.2 Cascading Devices
To cascade multiple AS1109 devices, pin SDO must be connected to pin SDI of the next AS1109 (see Figure 23). At each rising edge of CLK the
LSB of the shift register will be written into the shift register SDI of the next AS1109 in the chain. Data at the SDI pin is clocked in at the rising
edge of the CLK pulse and is clocked out at the SDO pin 8.5 clock cycles later at the falling edge of the CLK pulse.
Note:
When n*AS1109 devices are in one chain, n*8 clock pulses are needed to latch-in the input data.
Figure 23. Cascading AS1109 Devices
9.3 Constant Current
In LED display applications, the AS1109 provides virtually no current variations from channel-to-channel and from AS1109-to-AS1109. This is
mostly due to 2 factors:

While IOUT
≥ 50mA, the maximum current skew is less than ±2% between channels and less than ±2% between AS1109 devices.

In the saturation region, the characteristics curve of the output stage is flat (see Figure 5 on page 6). Thus, the output current can be kept
constant regardless of the variations of LED forward voltages (VF).
9.4 Adjusting Output Current
The AS1109 scales up the reference current (IREF) set by external resistor (REXT) to sink a current (IOUT) at each output port. As shown in
Figure 3 on page 6 the output current in the saturation region is extremely flat so that it is possible to define it as target current (IOUT TARGET).
IOUT TARGET can be calculated by:
VREXT = 1.253V
(EQ 1)
IREF = VREXT/REXT (if the other end of REXT is connected to ground)
(EQ 2)
IOUT TARGET = IREF*15 = (1.253V/REXT)*15
(EQ 3)
Where:
REXT is the resistance of the external resistor connected to pin REXT.
VREXT is the voltage on pin REXT.
The magnitude of current (as a function of REXT) is around 100mA at 186
Ω, 50.52mA at 372Ω and 25.26mA at 744Ω. Figure 3 on page 6
shows the relationship curve between the IOUT TARGET of each channel and the corresponding external resistor (REXT).
AS1109 #n-1
SDI
SDO
CLK
LD
OEN
SDI
CLK
LD
OEN
AS1109 #1
SDI
SDO
CLK
LD
OEN
AS1109 #2
SDI
SDO
CLK
LD
OEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com