Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1123B Datasheet(PDF) 2 Page - ams AG

Part # AS1123B
Description  Constant -Cur rent , 16 -Channe l LED Dr iver wi th Diagnost ics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1123B Datasheet(HTML) 2 Page - ams AG

  AS1123B Datasheet HTML 1Page - ams AG AS1123B Datasheet HTML 2Page - ams AG AS1123B Datasheet HTML 3Page - ams AG AS1123B Datasheet HTML 4Page - ams AG AS1123B Datasheet HTML 5Page - ams AG AS1123B Datasheet HTML 6Page - ams AG AS1123B Datasheet HTML 7Page - ams AG AS1123B Datasheet HTML 8Page - ams AG AS1123B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
A S 11 2 3
C o n s t a n t - C u r r e n t , 1 6 - C h a n n e l L E D D r i v e r w i t h D i a g n o s t i c s
www.austriamicrosystems.com/LED-Driver-ICs
Revision 1.00
1 - 24
D a t a s h e e t
1 General Description
The AS1123 is designed to drive up to 16 LEDs through a fast serial
interface and features 16 output constant current drivers and an on-
chip diagnostic read-back function.
The high clock-frequency (up to 50MHz), adjustable output current,
and flexible serial interface makes the device perfectly suited for
high-volume transmission applications.
Output current is adjustable (up to 40mA/channel) using an external
resistor (REXT).
The serial interface with Schmitt trigger inputs includes an integrated
shift register. Additionally, an internal data register stores the cur-
rently displayed data.
The device features integrated diagnostics for over-
temperature, open-LED, and shorted-LED conditions. Integrated
registers store global fault status information during load as well as
the detailed temperature/open-LED/shorted-LED diagnostics results.
The AS1123 also features a low-current diagnostic mode to minimize
display flicker during fault testing.
The AS1123 is available in a 24-pin QSOP and a 24-pin TQFN
(4x4mm) package.
Figure 1. AS1123 - Typical Application Diagram
2 Key Features
16 Constant-Current Output Channels
Excellent Output Current Accuracy
- Between Channels: <±3%
- Between Devices: <±3%
Output Current Per Channel: 0.5mA to 40mA
Over-Temperature, Open-LED, Shorted-LED
Diagnostic Functions
Low-Current Test Mode
Global Fault Monitoring
Fast Serial Interface: 50MHz
Cascaded Configuration
Extremely Fast Output Drivers Suitable for PWM
Output Delay for controlling Inrush Current (on request)
24-pin QSOP and 24-pin TQFN (4x4mm) Package
3 Applications
The device is ideal for fixed- or slow-rolling displays using static or
multiplexed LED matrix and dimming functions, large LED matrix dis-
plays, mixed LED display and switch monitoring, displays in eleva-
tors, public transports (underground, trains, buses, taxis, airplanes,
etc.), large displays in stadiums and public areas, price indicators in
retail stores, promotional panels, bar-graph displays, industrial con-
troller displays, white good panels, emergency light indicators, and
traffic signs.
AS1123
SDI
SDO
CLK
LD
OEN
REXT
+VLED
GND
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com