Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1123B Datasheet(PDF) 3 Page - ams AG

Part # AS1123B
Description  Constant -Cur rent , 16 -Channe l LED Dr iver wi th Diagnost ics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1123B Datasheet(HTML) 3 Page - ams AG

  AS1123B Datasheet HTML 1Page - ams AG AS1123B Datasheet HTML 2Page - ams AG AS1123B Datasheet HTML 3Page - ams AG AS1123B Datasheet HTML 4Page - ams AG AS1123B Datasheet HTML 5Page - ams AG AS1123B Datasheet HTML 6Page - ams AG AS1123B Datasheet HTML 7Page - ams AG AS1123B Datasheet HTML 8Page - ams AG AS1123B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.austriamicrosystems.com/LED-Driver-ICs
Revision 1.00
2 - 24
AS1123
Datasheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
QSOP
TQFN
1
10
GND
Ground
2
11
SDI
Serial Data Input
3
12
CLK
Serial Data Clock. The rising edge of the CLK signal is used to clock data into and out of the
AS1123 shift register. In error mode, the rising edge of the CLK signal is used to switch error
modes.
4
13
LD
Serial Data Load. Pull-down Resistor
5:20
1:5, 14:24
OUTN0:15
Output Current Drivers. These pins are used as LED drivers or for input sense for diagnostic
modes. Data is transferred to the data register at the rising edge of these pins.
21
6
OEN
Output Enable. Pull-up Resistor. The active-low pin OEN signal can always enable output drivers
to sink current independent of the AS1123 mode.
0 = Output drivers are enabled.
1 = Output drivers are disabled.
22
7
SDO
Serial Data Output. In normal mode SDO is latched out 8.5 clock cycles after SDI is latched in.
In global error detection mode this pin indicates the occurrence of a global error.
0 = Global error mode returned an error.
1 = No errors.
23
8
REXT
External Resistor Connection. This pin connects through the external resistor (REXT) to GND, to
setup the load current.
24
9
VDD
Positive Supply Voltage
-
Exposed
Pad
Exposed Pad. This pin also functions as a heat sink. Solder it to a large pad or to the circuit-board
ground plane to maximize power dissipation.
1
AS1123
24-pin QSOP
24
2
3
4
5
23 22 21
17
8
7
6
20 19 18
9
13
12
11
10
16 15 14
OUTN4
8
18
OUTN0
14
OUTN11
1
OUTN13
3
OUTN15
5
10
12
OUTN2
16
OUTN3
17
OUTN1
15
LD
13
OUTN12
2
OUTN14
4
OEN
6
11
9
7
23
21
19
20
22
24
Exposed
Pad
AS1123
24-pin TQFN
(4x4mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com