Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1123B Datasheet(PDF) 5 Page - ams AG

Part # AS1123B
Description  Constant -Cur rent , 16 -Channe l LED Dr iver wi th Diagnost ics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1123B Datasheet(HTML) 5 Page - ams AG

  AS1123B Datasheet HTML 1Page - ams AG AS1123B Datasheet HTML 2Page - ams AG AS1123B Datasheet HTML 3Page - ams AG AS1123B Datasheet HTML 4Page - ams AG AS1123B Datasheet HTML 5Page - ams AG AS1123B Datasheet HTML 6Page - ams AG AS1123B Datasheet HTML 7Page - ams AG AS1123B Datasheet HTML 8Page - ams AG AS1123B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.austriamicrosystems.com/LED-Driver-ICs
Revision 1.00
4 - 24
AS1123
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VDD = +3.0V to +5.5V, Typical values are at TAMB = +25°(unless otherwise specified). All limits are guaranteed. The parameters with min and
max values are guaranteed with production tests or SQC (Statistical Quality Control) methods.
Table 3. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
TAMB
Operating Ambient Temperature
-40
+85
°C
TJ
Operating Junction Temperature
-40
+125
°C
VDD
Supply Voltage
3.0
5.5
V
VDS
Output Voltage
OUTN0:15
0
5.5
V
IOUT
Output Current
OUTN0:15, VDD = 5V
0.5
40
mA
IOH
SDO
-1.0
IOL
SDO
1.0
VIH
Input Voltage
High Level
CLK, OEN, LD, SDI
0.7 x
VDD
VDD +
0.3
V
VIL
Low Level
-0.3
0.3 x
VDD
IDS(OFF)
Output Leakage Current
OEN = 1, VDS = 5.5V
1.5
A
VOL
Output
Voltage
SDO
IOL = +1.0mA
0.4
V
VOH
IOH = -1.0mA
VDD -
0.4V
IAV1
Device-to-Device Average Output Current
from OUTN0 to OUTN15
VDS = 0.6V, VDD = Const.,
REXT = 470
Ω
38.8
41.2
mA
∆IAV1
Current Skew
(Between Channels)
VDS
≥ 0.6V, VDD = Const.,
REXT = 470
Ω
±1
±3
%
IAV2
Device-to-Device Average Output Current
from OUTN0 to OUTN15
VDS = 0.5V, VDD > 3.3V,
REXT = 1.87k
Ω
9.6
10.4
mA
∆IAV2
Current Skew
(Between Channels)
VDS
≥ 0.5V, VDD = Const.,
REXT = 1.87k
Ω
±1
±4
%
ILC
Low-Current Diagnosis Mode
VDS = 0.8V, VDD = 5.0V
0.4
0.6
0.8
mA
%/
∆VDS
Output Current vs.
Output Voltage Regulation
VDS within 1.0 and 3.0V @ IOUT = 40mA
±0.7
%/V
%/
∆VDD
Output Current vs.
Supply Voltage Regulation
VDD within 3.0 and 5.0V
±0.2
%/V
RIN(UP)
Pullup Resistance
OEN
250
500
800
k
Ω
RIN(DOWN)
Pulldown Resistance
LD
250
500
800
k
Ω
VTHL
Error Detection Threshold Voltage
0.25
0.3
0.45
V
VTHH
Error Detection Threshold Voltage
(Level1 = default)
VDD = 3.0V
1.6
V
VDD = 5.0V
2.7
Error Detection Threshold Voltage
(Level2)
VDD = 3.0V
2.4
V
VDD = 5.0V
4
TOV1
Overtemperature Threshold Flag
150
ºC
IDD(OFF)
Supply Current
REXT = 470
Ω, OUTN0:15 = Off
4
5.5
mA
REXT = 1.87k
Ω, OUTN0:15 = Off
2
3.5
IDD(ON)
REXT = 470
Ω, OUTN0:15 = On
15
18
REXT = 1.87k
Ω, OUTN0:15 = On
5
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com