Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1322 Datasheet(PDF) 8 Page - ams AG

Part # AS1322
Description  Low Vol tage, Micropower, DC-DC Step-Up Conver ters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1322 Datasheet(HTML) 8 Page - ams AG

Back Button AS1322 Datasheet HTML 4Page - ams AG AS1322 Datasheet HTML 5Page - ams AG AS1322 Datasheet HTML 6Page - ams AG AS1322 Datasheet HTML 7Page - ams AG AS1322 Datasheet HTML 8Page - ams AG AS1322 Datasheet HTML 9Page - ams AG AS1322 Datasheet HTML 10Page - ams AG AS1322 Datasheet HTML 11Page - ams AG AS1322 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
www.ams.com/DC-DC_Step-Up/AS1322
Revision 1.10
8 - 18
AS1322
Datasheet - D e t a i l e d D e s c r i p t i o n
8.2 Low-Noise Fixed-Frequency Operation
8.2.1
Oscillator
The AS1322 switching frequency is internally fixed at 1.2MHz allowing the use of very small external components.
8.2.2
Error Amplifier
The integrated error amplifier is an internally compensated trans-conductance (gm) type (current output). The internal 1.23V reference voltage is
compared to the voltage at pin FB to generate an error signal at the output of the error amplifier. A voltage divider from VOUT to GND programs
the output voltage from 2.5 to 5V via pin FB as:
VOUT = 1.23V(1 + (R1/R2))
(EQ 1)
8.2.3
Current Sensing
A signal representing the internal NMOS-switch current is summed with the slope compensator. The summed signal is compared to the error
amplifier output to provide a peak current control command for the PWM. Peak switch current is limited to approximately 850mA independent of
VIN or VOUT.
8.2.4
Zero Current Comparator
The zero current comparator monitors the inductor current to the output and shuts off the PMOS synchronous rectifier once this current drops to
20mA (approx.). This prevents the inductor current from reversing polarity and results in improved converter efficiency at light loads.
8.2.5
Anti-Ringing Control
Anti-ringing control circuitry prevents high-frequency ringing on pin SW as the inductor current approaches zero. This is accomplished by
damping the resonant circuit formed by the inductor and the capacitance on pin SW (CSW).
8.3 Powersave Operation (AS1322A)
In light load conditions, the integrated powersave feature removes power from all circuitry not required to monitor VOUT. When VOUT has
dropped approximately 1% from nominal, the AS1322A powers up and begins normal PWM operation.
COUT (see Figure 15 on page 7) recharges, causing the AS1322A to re-enter powersave mode as long as the output load remains below the
powersave threshold. The frequency of this intermittent PWM is proportional to load current; i.e., as the load current drops further below the
powersave threshold, the AS1322A turns on less frequently. When the load current increases above the powersave threshold, the AS1322A will
resume continuous, seamless PWM operation.
Notes:
1. An optional capacitor (CFF) between pins VOUT and FB in some applications can reduce VOUTp-p ripple and input quiescent current
during powersave mode. Typical values for CFF range from 15 to 220pF.
2. In powersave mode the AS1322A draws only 30µA from the output capacitor(s), greatly improving converter efficiency.
8.4 Shutdown
When pin SHDNN is low the AS1322 is switched off and <1µA current is drawn from battery; when pin SHDNN is high the device is switched on.
If SHDNN is driven from a logic-level output, the logic high-level (on) should be referenced to VOUT to avoid intermittently switching the device
on.
Note:
If pin SHDNN is not used, it should be connected directly to pin OUT. VOUT is held at approximately VIN - 0.6V during shutdown.
In shutdown the battery input is connected to the output through the inductor and the internal synchronous rectifier P-FET. Due to the body diode
of the internal synchronous rectifier PFET, VOUT is held at approximately VIN - 0.6V during shutdown. This allows the input battery to provide
backup power for devices such as an idle microcontroller, memory, or real-time-clock, without the usual diode forward drop. In this way a
separate backup battery is not needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com