Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1322 Datasheet(PDF) 11 Page - ams AG

Part # AS1322
Description  Low Vol tage, Micropower, DC-DC Step-Up Conver ters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1322 Datasheet(HTML) 11 Page - ams AG

Back Button AS1322 Datasheet HTML 7Page - ams AG AS1322 Datasheet HTML 8Page - ams AG AS1322 Datasheet HTML 9Page - ams AG AS1322 Datasheet HTML 10Page - ams AG AS1322 Datasheet HTML 11Page - ams AG AS1322 Datasheet HTML 12Page - ams AG AS1322 Datasheet HTML 13Page - ams AG AS1322 Datasheet HTML 14Page - ams AG AS1322 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.ams.com/DC-DC_Step-Up/AS1322
Revision 1.10
11 - 18
AS1322
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9.1 Output Voltage Ripple
The AS1322 is designed to work at high efficiency. In order to reduce the output ripple the following improvements are recommended:
Use a higher output capacitor, up to 44µF and a higher input capacitor (22µF).
Use smaller values for the resistor divider. R1 should be about 300k
Ω. To avoid a high leakage current from pin VOUT through the resistor
divider to GND, R1 should not be less than 100k
Ω.
To reduce the output ripple it’s also possible to speed up the feedback loop. To achieve this, place a 22pF (C4 in Figure 20) capacitor in
parallel to R1. Via C4 the fast transients are shorted to the FB pin and the feedback loop is even faster. A 1M
Ω resistor for R1 slows down
the FB loop.
Due to noise and to their non linear behavior, the use of potentiometers is not recommended.
Figure 20. AS1322 - Typical Application for lower Output Voltage Ripple
Note:
For correct measurements of the output ripple connect the oscilloscope probe as close as possible to the positive plate of the COUT
and connect the GND of the oscilloscope probe to the negative plate of the COUT. This will reduce the inductive coupling and will
deliver a more accurate measurement result.
The output ripple is getting higher as VIN is getting closer to VOUT. Figure 21 shows that the above mentioned improvements reduce the output
voltage ripple. If VIN is higher than VOUT the AS1322 stops switching and VIN is connected to VOUT via the inductor and the internal P-FET.
Figure 21. Output Voltage Ripple vs. Input Voltage; VOUT = 2.8V, IOUT = 0.8mA
AS1322
C2
22µF
R2
196k
Ω
R1
250k
Ω
On
Off
L1
4.7µH
2xAA Battery
C1
22µF
VOUT = 2.8V
GND
2
SW
1
4
SHDNN
3
FB
5
VOUT
C3
22µF
C4
22pF
6
VIN
0
25
50
75
100
125
0.5
1
1.5
2
2.5
3
3.5
Input Voltage (V)
Cout = 44µF
Cout = 66µF
Cout = 44µF + C4 = 22pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com