Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1322 Datasheet(PDF) 1 Page - ams AG

Part # AS1322
Description  Low Vol tage, Micropower, DC-DC Step-Up Conver ters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1322 Datasheet(HTML) 1 Page - ams AG

  AS1322 Datasheet HTML 1Page - ams AG AS1322 Datasheet HTML 2Page - ams AG AS1322 Datasheet HTML 3Page - ams AG AS1322 Datasheet HTML 4Page - ams AG AS1322 Datasheet HTML 5Page - ams AG AS1322 Datasheet HTML 6Page - ams AG AS1322 Datasheet HTML 7Page - ams AG AS1322 Datasheet HTML 8Page - ams AG AS1322 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ams.com/DC-DC_Step-Up/AS1322
Revision 1.10
1 - 18
A S 1 3 2 2
L o w Vo l t a g e , M i c r o p o w e r, D C - D C S t e p - U p C o n v e r t e r s
1 General Description
The AS1322A and the AS1322B are synchronous, fixed frequency,
very high-efficiency DC-DC boost converters capable of supplying
3.3V at 150mA from a single AA-supply. Compact size and minimum
external parts requirements make these devices perfect for modern
portable devices.
High-speed switching frequency (1.2MHz) and internally
compensated PWM current mode design provide highly-reliable DC-
DC conversion, especially when driving white LEDs.
The converters are available as the standard products listed in Table
1.
The devices contain two internal MOSFET switches: one NMOS
switch and one PMOS synchronous rectifier.
Anti-ringing control circuitry reduces EMI by damping the inductor in
discontinuous mode, and the devices exhibit extremely low
quiescent current (< 1µA) in shutdown.
In shutdown mode the battery is connected to the output and VOUT
is held at approximately VIN - 0.6V.
The AS1322 is available in a 6-pin TSOT-23 package.
Figure 1. Typical Application Diagram – Single Cell to 3.3V
Synchronous Boost Converter
2 Key Features
95% Efficiency
Single-Cell Operation
Delivers 160mA @ 3.3V (from Single AA Cell)
Delivers 220mA @ 5.0V (from Two AA Cells)
Delivers 570mA @ 3.3V (from Two AA Cells)
Low Start-Up Voltage: 0.85V
High-Speed Fixed-Frequency: 1.2MHz
Internal PMOS Synchronous Rectifier
Automatic Powersave Operation (AS1322A)
Continuous Switching at Light Loads (AS1322B)
Anti-Ringing Control Minimizes EMI
Logic Controlled Shutdown (< 1µA)
Output Range: 2.5 to 5.0V
6-pin TSOT-23 Package
3 Applications
The AS1322 is ideal for low-power applications where ultra-small
size is critical as in medical diagnostic equipment, hand-held
instruments, pagers, digital cameras, remote wireless transmitters,
MP3 players, LCD bias supplies, cordless phones, GPS receivers,
and PC cards.
Table 1. Standard Products
Model
Light Load Switching
AS1322A
Automatic Powersave Operation
AS1322B
Continuous Switching
AA Battery
AS1322
C2
10µF
R2
604k
Ω
1%
R1
1.02M
Ω
1%
On
Off
L1
4.7µH
C1
10µF
GND
2
SW
1
VOUT
3.3V
160mA
4
SHDNN
3
FB
6
VIN
5
VOUT


Similar Part No. - AS1322

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1322 AMSCO-AS1322 Datasheet
551Kb / 17P
Low Voltage, Micropower, DC-DC Step-Up Converters
AS1322 AMSCO-AS1322 Datasheet
740Kb / 17P
Low Voltage, Micropower, DC-DC Step-Up Converters
AS1322A AMSCO-AS1322A Datasheet
551Kb / 17P
Low Voltage, Micropower, DC-DC Step-Up Converters
AS1322A AMSCO-AS1322A Datasheet
740Kb / 17P
Low Voltage, Micropower, DC-DC Step-Up Converters
AS1322A-BTTT AMSCO-AS1322A-BTTT Datasheet
551Kb / 17P
Low Voltage, Micropower, DC-DC Step-Up Converters
More results

Similar Description - AS1322

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
MICROPOWER STEP UP DC/DC CONVERTER
logo
Analog Microelectronics
AME5130 AME-AME5130 Datasheet
511Kb / 16P
Micropower Step-Up DC/DC Converter
logo
ams AG
AS1322 AMSCO-AS1322 Datasheet
551Kb / 17P
Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329 AMSCO-AS1329 Datasheet
88Kb / 2P
Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329 AMSCO-AS1329_1 Datasheet
739Kb / 17P
Low Voltage, Micropower, DC-DC Step-Up Converters
logo
Analog Microelectronics
AME5130 AME-AME5130_1 Datasheet
550Kb / 16P
Micropower Step-Up DC/DC Converter
logo
Taiwan Memory Technolog...
T6309A TMT-T6309A Datasheet
364Kb / 13P
Micropower Step-up DC/DC Converter
logo
ams AG
AS1322 AMSCO-AS1322_1 Datasheet
740Kb / 17P
Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329 AMSCO-AS1329_13 Datasheet
862Kb / 20P
Low Vol tage, Micropower, DC-DC Step-Up Conver ters
AS1330 AMSCO-AS1330_12 Datasheet
1Mb / 18P
4MHz, Low Vol tage, DC-DC Step-Up Conver ter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com