Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1323 Datasheet(PDF) 2 Page - ams AG

Part # AS1323
Description  1.6關A Quiescent Current, Single Cell, DC-DC Step-up Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1323 Datasheet(HTML) 2 Page - ams AG

  AS1323 Datasheet HTML 1Page - ams AG AS1323 Datasheet HTML 2Page - ams AG AS1323 Datasheet HTML 3Page - ams AG AS1323 Datasheet HTML 4Page - ams AG AS1323 Datasheet HTML 5Page - ams AG AS1323 Datasheet HTML 6Page - ams AG AS1323 Datasheet HTML 7Page - ams AG AS1323 Datasheet HTML 8Page - ams AG AS1323 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AS1323
1.6µA Quiescent Current, Single Cell, DC-DC
Step-up Converter
www.austriamicrosystems.com/DC-DC_Step-Up/AS1323
Revision 1.07
1 - 14
Datasheet
1 General Description
The AS1323 high-efficiency step-up DC-DC converter was designed
specifically for single-cell, battery-powered devices where lowest
quiescent current and high efficiency are essential.
The compact device is available in three fixed-voltage variations and
is perfect for a wide variety of applications where extremely-low
quiescent currents and very-small form factors are critical.
The devices are available as the standard products shown in Table
1. See also Ordering Information on page 13.
Integrated boot circuitry ensures start-up even with very-high load
currents.
The true output disconnect feature completely disconnects the
output from the battery during shutdown.
The device is available in a TSOT23-5 pin package.
Figure 1. AS1323 - Typical Operating Circuit
2 Key Features
!
1.6µA Quiescent Current
!
Input Voltage Range: 0.75 to 2V
!
Up to 100mA Output Current
!
Fixed Output Voltages: 2.7, 3.0 and 3.3V
!
Shutdown Current: 0.1µA
!
Output Voltage Accuracy: ±3%
!
Efficiency: Up to 85%
!
No External Diode or FETs Needed
!
Output Disconnect in Shutdown
!
Guaranteed 0.95V Start-Up Voltage
!
TSOT23-5 Package
3 Applications
The devices are ideal for single-cell portable devices including
mobile phones, MP3 players, PDAs, remote controls, personal
medical devices, wireless transmitters
and receivers, and any other battery-operated, portable device.
Table 1. Standard Products
Model
Fixed Output Voltage
Package
AS1323-27
2.7V
TSOT23-5
AS1323-30
3.0V
TSOT23-5
AS1323-33
3.3V
TSOT23-5
AS1323
3
SHDNN
1
VBATT
4
VOUT
5
LX
10
µF
2
VSS
10
µF
10µH
4 VOUT
3
SHDNN
2
VSS
1
VBATT
5LX
AS1323



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com