Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1323 Datasheet(PDF) 6 Page - ams AG

Part # AS1323
Description  1.6關A Quiescent Current, Single Cell, DC-DC Step-up Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1323 Datasheet(HTML) 6 Page - ams AG

Back Button AS1323 Datasheet HTML 2Page - ams AG AS1323 Datasheet HTML 3Page - ams AG AS1323 Datasheet HTML 4Page - ams AG AS1323 Datasheet HTML 5Page - ams AG AS1323 Datasheet HTML 6Page - ams AG AS1323 Datasheet HTML 7Page - ams AG AS1323 Datasheet HTML 8Page - ams AG AS1323 Datasheet HTML 9Page - ams AG AS1323 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1323
Revision 1.07
5 - 14
AS1323
Datasheet - Ty pical Operating Characteristics
7 Typical Operating Characteristics
VOUT= 3.3V; TA = 25
°C; CIN = COUT = 10µF, L = 10µH, ILOAD = 10mA; VBATT = 1.5V; unless otherwise specified.
Figure 3. Efficiency vs. Output Current; VOUT = 3.3V
Figure 4. Efficiency vs. Output Current; VOUT = 3.0V
30
40
50
60
70
80
90
0.1
1
10
100
Output Current (mA)
VIN = 0.95V
VIN = 1.8V
VIN = 1.5V
VIN = 1.2V
30
40
50
60
70
80
90
0.1
1
10
100
Output Current (m A)
VIN = 1.8V
VIN = 1.5V
VIN = 1.2V
VIN = 0.95V
Figure 5. Efficiency vs. Output Current; VOUT = 2.7V
Figure 6. Efficiency vs. Input Voltage
30
40
50
60
70
80
90
0.1
1
10
100
Output Current (m A)
VIN = 1.8V
VIN = 1.5V
VIN = 1.2V
VIN = 0.95V
30
40
50
60
70
80
90
0.75
1
1.25
1.5
1.75
2
Input Voltage (V)
Il oad = 80µA
Il oad = 800µA
Il oad = 11mA
Figure 7. Output Voltage vs. Temperature
Figure 8. Output Voltage vs. Output Current
3.28
3.285
3.29
3.295
3.3
3.305
3.31
3.315
3.32
-50
-25
0
25
50
75
100
125
Tem perature (°C)
No Load
ILOAD = 10mA
ILOAD = 30mA
3
3.05
3.1
3.15
3.2
3.25
3.3
3.35
3.4
0
10
20304050
6070
Output Current (m A)
VIN = 1.5V
VIN = 1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com