Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1323 Datasheet(PDF) 5 Page - ams AG

Part # AS1323
Description  1.6關A Quiescent Current, Single Cell, DC-DC Step-up Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1323 Datasheet(HTML) 5 Page - ams AG

  AS1323 Datasheet HTML 1Page - ams AG AS1323 Datasheet HTML 2Page - ams AG AS1323 Datasheet HTML 3Page - ams AG AS1323 Datasheet HTML 4Page - ams AG AS1323 Datasheet HTML 5Page - ams AG AS1323 Datasheet HTML 6Page - ams AG AS1323 Datasheet HTML 7Page - ams AG AS1323 Datasheet HTML 8Page - ams AG AS1323 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1323
Revision 1.07
4 - 14
AS1323
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
6.1 DC Electrical Characteristics
TAMB = -40°C to +85°C, VBATT = 1.2V, VOUT = VOUT(NOM), SHDNN = VOUT, RLOAD =
∞, unless otherwise noted. Typical values are at TA =
25°C.(unless otherwise specified). Limits are 100% production tested at TAMB = 25ºC. Limits over the operating temperature range are
guaranteed by design.
Note:
All limits are guaranteed. The parameters with min and max values are guaranteed with production tests or SQC (Statistical Quality
Control) methods.
Table 4. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VINMIN
Minimum Input Voltage
0.75
V
VIN
Operating Input Voltage
TAMB = 25ºC
0.95
2
V
VINSU
Minimum Start-Up
Input Voltage
TAMB = 25ºC,
RLOAD = 100
Ω
0.75
0.95
V
VOUT
Output Voltage
AS1323-27
2.619
2.7
2.781
V
AS1323-30
2.91
3.0
3.09
AS1323-33
3.201
3.3
3.399
RLOAD
Load depended drop
of VOUT
VBATT = 1.5V;
ILOAD = 45mA
30
40
mV
RDS-ON
N-Channel On-Resistance
0.5
1.0
Ω
P-Channel On-Resistance
0.75
1.5
Ω
ILIMIT
N-Channel Switch
Current Limit
Programmed at 400mA
400
mA
tON
Switch Maximum On-Time
6
µs
Synchronous Rectifier
Zero-Crossing Current
10
mA
IOP-OUT
Operating Current
into VBATT
VBATT = 1.5V, VOUT = 3.3V,
TAMB = 25ºC
6
µA
IQ-OUT
Quiescent Current to VOUT
1.6
3
µA
IQ-BAT
Quiescent Current into VBATT
VBATT = 1.5V, TAMB = 25ºC
0.3
1
µA
ISDI-OUT
1
1. VOUT is completely disconnected (0V) during shutdown.
Shutdown Current to VOUT
200
nA
ISDI-BAT
Shutdown Current into VBATT
VBATT = 1.5V, TAMB = 25ºC
100
nA
VIL
SHDNN Voltage Threshold, Low
150
mV
VIH
SHDNN Voltage Threshold, High
900
mV
ISDI
SHDNN Input Bias Current
TAMB = 25ºC, VSDI = VOUT
100
300
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com