Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1329 Datasheet(PDF) 1 Page - ams AG

Part # AS1329
Description  Low Vol tage, Micropower, DC-DC Step-Up Conver ters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1329 Datasheet(HTML) 1 Page - ams AG

  AS1329 Datasheet HTML 1Page - ams AG AS1329 Datasheet HTML 2Page - ams AG AS1329 Datasheet HTML 3Page - ams AG AS1329 Datasheet HTML 4Page - ams AG AS1329 Datasheet HTML 5Page - ams AG AS1329 Datasheet HTML 6Page - ams AG AS1329 Datasheet HTML 7Page - ams AG AS1329 Datasheet HTML 8Page - ams AG AS1329 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.ams.com/DC-DC_Step-Up/AS1329
Revision 1.12
1 - 20
A S 1 3 2 9
L o w Vo l t a g e , M i c r o p o w e r, D C - D C S t e p - U p C o n v e r t e r s
1 General Description
The AS1329A, AS1329B and the AS1329C are synchronous, fixed
frequency, very high-efficiency DC-DC boost converters capable of
supplying 3.3V at 160mA from a single AA-supply. Compact size and
minimum external parts requirements make these devices perfect for
modern portable devices.
High-speed switching frequency (1.2MHz) and internally
compensated PWM current mode design provide highly-reliable DC-
DC conversion, especially when driving white LEDs. The converters
are available as the standard products listed in Table 1.
The devices contain two internal MOSFET switches: one NMOS
switch and one PMOS synchronous rectifier. Anti-ringing control
circuitry reduces EMI by damping the inductor in discontinuous
mode, and the devices exhibit extremely low quiescent current (<
1µA) in shutdown.
In shutdown mode the battery is connected directly to the output
enabling the supply of real-time-clocks. The AS1329 is available in a
6-pin TSOT-23 package.
Figure 1. Typical Application Diagram – Single Cell to 3.3V
Synchronous Boost Converter
2 Key Features
Low Start-Up Voltage: 0.85V
Output Range: 2.5V to 5.0V
Single-Cell Operation
Operating with coils down to 2.2µH
Delivers 160mA @ 3.3V (from Single AA Cell)
Delivers 220mA @ 5.0V (from Two AA Cells)
Delivers 570mA @ 3.3V (from Two AA Cells)
95% Efficiency
High-Speed Fixed-Frequency: 1.2MHz
Internal PMOS Synchronous Rectifier
Automatic Powersave Operation (AS1329A&B)
Continuous Switching at Light Loads (AS1329C)
Logic Controlled Shutdown (< 1µA)
6-pin TSOT-23 Package
3 Applications
The AS1329 is ideal for low-power applications where ultra-small
size is critical as in medical diagnostic equipment, hand-held
instruments, pagers, digital cameras, remote wireless transmitters,
MP3 players, LCD bias supplies, cordless phones, GPS receivers,
and PC cards.
Table 1. Standard Products
Model
Light Load Switching
AS1329A
Medium Load
Automatic Powersave Operation
AS1329B
Light Load Automatic Powersave Operation
AS1329C
Continuous Switching
AA Battery
AS1329
C2
10µF
R2
604k
Ω
1%
R1
1.02M
Ω
1%
On
Off
L1
4.7µH
C1
10µF
GND
2
SW
1
VOUT
3.3V
160mA
4
SHDNN
3
FB
6
VIN
5
VOUT


Similar Part No. - AS1329

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1329 AMSCO-AS1329 Datasheet
88Kb / 2P
Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329 AMSCO-AS1329 Datasheet
739Kb / 17P
Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329A AMSCO-AS1329A Datasheet
88Kb / 2P
Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329A AMSCO-AS1329A Datasheet
739Kb / 17P
Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329A-BTTT AMSCO-AS1329A-BTTT Datasheet
739Kb / 17P
Low Voltage, Micropower, DC-DC Step-Up Converters
More results

Similar Description - AS1329

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
MICROPOWER STEP UP DC/DC CONVERTER
logo
Analog Microelectronics
AME5130 AME-AME5130 Datasheet
511Kb / 16P
Micropower Step-Up DC/DC Converter
logo
ams AG
AS1322 AMSCO-AS1322 Datasheet
551Kb / 17P
Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329 AMSCO-AS1329 Datasheet
88Kb / 2P
Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329 AMSCO-AS1329_1 Datasheet
739Kb / 17P
Low Voltage, Micropower, DC-DC Step-Up Converters
logo
Analog Microelectronics
AME5130 AME-AME5130_1 Datasheet
550Kb / 16P
Micropower Step-Up DC/DC Converter
logo
Taiwan Memory Technolog...
T6309A TMT-T6309A Datasheet
364Kb / 13P
Micropower Step-up DC/DC Converter
logo
ams AG
AS1322 AMSCO-AS1322_1 Datasheet
740Kb / 17P
Low Voltage, Micropower, DC-DC Step-Up Converters
AS1322 AMSCO-AS1322_13 Datasheet
827Kb / 18P
Low Vol tage, Micropower, DC-DC Step-Up Conver ters
AS1330 AMSCO-AS1330_12 Datasheet
1Mb / 18P
4MHz, Low Vol tage, DC-DC Step-Up Conver ter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com