Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1332 Datasheet(PDF) 16 Page - ams AG

Part # AS1332
Description  650mA, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1332 Datasheet(HTML) 16 Page - ams AG

Back Button AS1332 Datasheet HTML 12Page - ams AG AS1332 Datasheet HTML 13Page - ams AG AS1332 Datasheet HTML 14Page - ams AG AS1332 Datasheet HTML 15Page - ams AG AS1332 Datasheet HTML 16Page - ams AG AS1332 Datasheet HTML 17Page - ams AG AS1332 Datasheet HTML 18Page - ams AG AS1332 Datasheet HTML 19Page - ams AG AS1332 Datasheet HTML 20Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1332
Revision 1.02
15 - 19
AS1332
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
External Component Selection
Inductor Selection
For the external inductor, a 3.3µH inductor is recommend. Minimum inductor size is dependant on the desired effi-
ciency and output current. Inductors with low core losses and small DCR at 2MHz are recommended.
Capacitor Selection
A 10µF capacitor is recommend for CIN as well as a 4.7µF for COUT. Small-sized X5R or X7R ceramic capacitors are
recommend as they retain capacitance over wide ranges of voltages and temperatures.
Input and Output Capacitor Selection
Low ESR input capacitors reduce input switching noise and reduce the peak current drawn from the battery. Also low
ESR capacitors should be used to minimize VOUT ripple. Multi-layer ceramic capacitors are recommended since they
have extremely low ESR and are available in small footprints.
For input decoupling the ceramic capacitor should be located as close to the device as practical. A 4.7µF input capaci-
tor is sufficient for most applications. Larger values may be used without limitations.
A 2.2µF to 10µF output ceramic capacitor is sufficient for most applications. Larger values up to 22µF may be used to
obtain extremely low output voltage ripple and improve transient response.
EN Pin Control
Drive the EN pin using the system controller to turn the AS1332 ON and OFF. Use a comparator, Schmidt trigger or
logic gate to drive the EN pin. Set EN high (>1.2V) for normal operation and low (<0.5V) for a 0.01µA (typ.) shutdown
mode. Set EN low to turn off the AS1332 during power-up and under voltage conditions when the power supply is less
than the 2.7V minimum operating voltage. The part is out of regulation when the input voltage is less than 2.7V.
Table 6. Recommended Inductors
Part Number
L
DCR
Current Rating Dimensions (L/W/T)
Manufacturer
LPS4018-222ML_
2.2µH
0.070Ω
2.9A
3.9x3.9x1.7mm
Coilcraft
www.coilcraft.com
LPS4018-332ML_
3.3µH
0.080Ω
2.4A
3.9x3.9x1.7mm
LPS4018-472ML_
4.7µH
0.125Ω
1.9A
3.9x3.9x1.7mm
Table 7. Recommended Capacitors for the Step-Down Converter
Part Number
C
Voltage
Type
Size
Manufacturer
GRM21BR60J226ME39
22µF
6.3V
X5R
0805
Murata
www.murata.com
GRM21BR60J106KE01
10µF
6.3V
X5R
0805
GRM21BR61C475KA88
4.7µF
16V
X5R
0805
GRM188R61C225KE15
2.2µF
16V
X5R
0603
GRM188R61A225KE34
2.2µF
10V
X5R
0603
C0603C475K8PAC7867
4.7µF
10V
X5R
0603
KEMET
www.kemet.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com