Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1332 Datasheet(PDF) 17 Page - ams AG

Part # AS1332
Description  650mA, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1332 Datasheet(HTML) 17 Page - ams AG

Back Button AS1332 Datasheet HTML 12Page - ams AG AS1332 Datasheet HTML 13Page - ams AG AS1332 Datasheet HTML 14Page - ams AG AS1332 Datasheet HTML 15Page - ams AG AS1332 Datasheet HTML 16Page - ams AG AS1332 Datasheet HTML 17Page - ams AG AS1332 Datasheet HTML 18Page - ams AG AS1332 Datasheet HTML 19Page - ams AG AS1332 Datasheet HTML 20Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1332
Revision 1.02
16 - 19
AS1332
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Layout Considerations
The AS1332 converts higher input voltage to lower output voltage with high efficiency. This is achieved with an inductor
based switching topology. During the first half of the switching cycle, the internal PMOS switch turns on, the input
voltage is applied to the inductor, and the current flows from PVDD line to the output capacitor (C2) through the
inductor. During the second half cycle, the PMOS turns off and the internal NMOS turns on. The inductor current
continues to flow via the inductor from the device PGND line to the output capacitor (C2). Referring to Figure 32, the
AS1332 has two major current loops where pulse and ripple current flow. The loop shown in the left hand side is most
important, because pulse current shown in Figure 32 flows in this path. The right hand side is next. The current
waveform in this path is triangular, as shown in Figure 32. Pulse current has many high-frequency components due to
fast di/dt. Triangular ripple current also has wide high-frequency components. Board layout and circuit pattern design
of these two loops are the key factors for reducing noise radiation and stable operation. Other lines, such as from
battery to C1(+) and C2(+) to load, are almost DC current, so it is not necessary to take so much care. Only pattern
width (current capability) and DCR drop considerations are needed.
Figure 32. Current Loop
PGND
AGND
VCON
EN
PVIN
VDD
SW
FB
VOUT = 2.5 x VCON
4.7 µF
3.3 µH
VOUT
2.7V to 5.5V
VIN
10 µF
C1
+
-
C2
+
-
L1
i
fOSC = 2MHz
i
0.52V to 1.27V
VCON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com