Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1332 Datasheet(PDF) 4 Page - ams AG

Part # AS1332
Description  650mA, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1332 Datasheet(HTML) 4 Page - ams AG

  AS1332 Datasheet HTML 1Page - ams AG AS1332 Datasheet HTML 2Page - ams AG AS1332 Datasheet HTML 3Page - ams AG AS1332 Datasheet HTML 4Page - ams AG AS1332 Datasheet HTML 5Page - ams AG AS1332 Datasheet HTML 6Page - ams AG AS1332 Datasheet HTML 7Page - ams AG AS1332 Datasheet HTML 8Page - ams AG AS1332 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1332
Revision 1.02
3 - 19
AS1332
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Electrical
Characteristics on page 4 is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
VDD, PVIN to AGND
-0.3
+7
V
PGND to AGND
-0.3
+0.3
V
EN, FB, VCON
AGND - 0.3 VDD + 0.3
V
7V max
SW
PGND - 0.3 PVIN + 0.3
V
PVIN to VDD
-0.3
+0.3
V
Operating Temperature Range
-40
+85
ºC
Junction Temperature (TJ-MAX)
+150
ºC
Storage Temperature Range
-65
+150
ºC
Maximum Lead Temperature
(soldering, 10sec)
+260
ºC
ESD Rating
Human Body Model
2kV
HBM MIL-Std. 883E 3015.7 methods
Operating Ratings
Input Voltage Range
2.7
5.5
V
Recommended Load Current
650
mA
Junction Temperature (TJ) Range
-40
+125
ºC
Ambient Temperature (TA) Range
-40
+85
ºC
In applications where high power
dissipation and/or poor package thermal
resistance is present, the maximum
ambient temperature may have to be
derated.
Maximum ambient temperature (TA-MAX)
is dependent on the maximum operating
junction temperature (TJ-MAX-OP =
125ºC), the maximum power dissipation
of the device in the application (PD-MAX),
and the junction-to ambient thermal
resistance of the part/package in the
application (
θJA), as given by the
following
equation: TA-MAX = TJ-MAX-OP – (θJA ×
PD-MAX).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com