Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1335 Datasheet(PDF) 13 Page - ams AG

Part # AS1335
Description  1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1335 Datasheet(HTML) 13 Page - ams AG

Back Button AS1335 Datasheet HTML 9Page - ams AG AS1335 Datasheet HTML 10Page - ams AG AS1335 Datasheet HTML 11Page - ams AG AS1335 Datasheet HTML 12Page - ams AG AS1335 Datasheet HTML 13Page - ams AG AS1335 Datasheet HTML 14Page - ams AG AS1335 Datasheet HTML 15Page - ams AG AS1335 Datasheet HTML 16Page - ams AG AS1335 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1335
Revision 1.03
12 - 18
AS1335
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
External Component Selection
Inductor Selection
For most applications the value of the external inductor should be in the range of 2.2µH to 4.7µH as the inductor value
has a direct effect on the ripple current. The selected inductor must be rated for its DC resistance and saturation cur-
rent. The inductor ripple current (
ΔIL) decreases with higher inductance and increases with higher VIN or VOUT.
In Equation (EQ 2) the maximum inductor current in PWM mode under static load conditions is calculated. The satura-
tion current of the inductor should be rated higher than the maximum inductor current as calculated with Equation (EQ
3). This is recommended because the inductor current will rise above the calculated value during heavy load tran-
sients.
f = Switching Frequency (1.5 MHz typical)
L = Inductor Value
ILmax = Maximum Inductor current
ΔIL = Peak to Peak inductor ripple current
The recommended starting point for setting ripple current is
ΔIL = 600mA (40% of 1.5A).
The DC current rating of the inductor should be at least equal to the maximum load current plus half the ripple current
to prevent core saturation. Thus, a 1.8A rated inductor should be sufficient for most applications (1.5A + 300mA).
Note: For highest efficiency, a low DC-resistance inductor is recommended.
Accepting larger values of ripple current allows the use of low inductance values, but results in higher output voltage
ripple, greater core losses, and lower output current capability.
The total losses of the coil have a strong impact on the efficiency of the DC/DC conversion and consist of both the
losses in the DC resistance and the following frequency-dependent components:
1. The losses in the core material (magnetic hysteresis loss, especially at high switching frequencies).
2. Additional losses in the conductor from the skin effect (current displacement at high frequencies).
3. Magnetic field losses of the neighboring windings (proximity effect).
4. Radiation losses
.
Output Capacitor Selection
The advanced fast-response voltage mode control scheme of the AS1335 allows the use of tiny ceramic capacitors.
Because of their lowest output voltage ripple low ESR ceramic capacitors are recommended. X7R or X5R dielectric
output capacitor are recommended.
At high load currents, the device operates in PWM mode and the RMS ripple current is calculated as:
While operating in PWM mode the overall output voltage ripple is the sum of the voltage spike caused by the output
capacitor ESR plus the voltage ripple caused by charging and discharging the output capacitor:
(EQ 2)
ΔI
L
V
OUT
1
V
OUT
V
IN
-------------
Lf
×
-----------------------
×
=
(EQ 3)
I
LMAX
I
OUTMAX
ΔI
L
2
--------
+
=
(EQ 4)
I
RMSC
OUT
V
OUT
1
V
OUT
V
IN
-------------
Lf
×
-----------------------
1
23
×
----------------
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com