Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1335 Datasheet(PDF) 14 Page - ams AG

Part # AS1335
Description  1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1335 Datasheet(HTML) 14 Page - ams AG

Back Button AS1335 Datasheet HTML 10Page - ams AG AS1335 Datasheet HTML 11Page - ams AG AS1335 Datasheet HTML 12Page - ams AG AS1335 Datasheet HTML 13Page - ams AG AS1335 Datasheet HTML 14Page - ams AG AS1335 Datasheet HTML 15Page - ams AG AS1335 Datasheet HTML 16Page - ams AG AS1335 Datasheet HTML 17Page - ams AG AS1335 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1335
Revision 1.03
13 - 18
AS1335
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Higher value, low cost ceramic capacitors are available in very small case sizes, and their high ripple current, high volt-
age rating, and low ESR make them ideal for switching regulator applications. Because the AS1335 control loop is not
dependant on the output capacitor ESR for stable operation, ceramic capacitors can be used to achieve very low out-
put ripple and accommodate small circuit size.
At light loads, the converter operates in powersave mode and the output voltage ripple is in direct relation to the output
capacitor and inductor value used. Larger output capacitor and inductor values minimize the voltage ripple in power-
save mode and tighten DC output accuracy in powersave mode.
Input Capacitor Selection
In continuous mode, the source current of the PMOS is a square wave of the duty cycle VOUT/VIN. To prevent large
voltage transients while minimizing the interference with other circuits caused by high input voltage spikes, a low ESR
input capacitor sized for the maximum RMS current must be used. The maximum RMS capacitor current is given as:
where the maximum average output current IMAX equals the peak current minus half the peak-to-peak ripple current,
IMAX = ILIM -
ΔIL/2
This formula has a maximum at VIN = 2VOUT where IRMS = IOUT/2. This simple worst-case condition is commonly used
for design because even significant deviations only provide negligible affects.
The input capacitor can be increased without any limit for better input voltage filtering. Take care when using small
ceramic input capacitors. When a small ceramic capacitor is used at the input, and the power is being supplied through
long wires, such as from a wall adapter, a load step at the output, or VIN step on the input, can induce ringing at the VIN
pin. This ringing can then couple to the output and be mistaken as loop instability, or could even damage the part by
exceeding the maximum ratings.
Ceramic Input and Output Capacitors
When choosing ceramic capacitors for CIN and COUT, the X5R or X7R dielectric formulations are recommended.
These dielectrics have the best temperature and voltage characteristics for a given value and size. Y5V and Z5U
dielectric capacitors, aside from their wide variation in capacitance over temperature, become resistive at high frequen-
cies and therefore should not be used.
Because ceramic capacitors lose a lot of their initial capacitance at their maximum rated voltage, it is recommended
that either a higher input capacity or a capacitance with a higher rated voltage is used.
Table 4. Recommended External Components
Name
Part Number
Value
Rating
Type
Size
Manufacturer
COUT
T520B107M006ATE040
100µF
6.3V
Tantal
B
(3.5x2.8x1.9mm)
Kemet
www.kemet.com
CIN, COUT
GRM21BR60J226ME39
22µF
6.3V
X5R
0805
Murata
www.murata.com
L
MOS6020-222ML
2.2µH
3.26A
35m
Ω
6.8x6.0x2.4mm
Coilcraft
www.coilcraft.com
MOS6020-472ML
4.7µH
1.82A
50m
Ω
6.8x6.0x2.4mm
(EQ 5)
ΔV
OUT
V
OUT
1
V
OUT
V
IN
-------------
–
Lf
×
-----------------------
1
8
C
OUT
×
f
×
-------------------------------
ESR
+
⎝⎠
⎛⎞
×
×
=
(EQ 6)
I
RMS
I
MAX
V
OUT
V
IN
V
OUT
–
()
×
V
IN
----------------------------------------------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com