Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1335 Datasheet(PDF) 16 Page - ams AG

Part # AS1335
Description  1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1335 Datasheet(HTML) 16 Page - ams AG

Back Button AS1335 Datasheet HTML 11Page - ams AG AS1335 Datasheet HTML 12Page - ams AG AS1335 Datasheet HTML 13Page - ams AG AS1335 Datasheet HTML 14Page - ams AG AS1335 Datasheet HTML 15Page - ams AG AS1335 Datasheet HTML 16Page - ams AG AS1335 Datasheet HTML 17Page - ams AG AS1335 Datasheet HTML 18Page - ams AG AS1335 Datasheet HTML 19Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1335
Revision 1.03
15 - 18
AS1335
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Checking Transient Response
The main loop response can be evaluated by examining the load transient response. Switching regulators normally
take several cycles to respond to a step in load current. When a load step occurs, VOUT immediately shifts by an
amount equivalent to:
VDROP =
ΔILOAD x ESR
(EQ 12)
Where:
ESR is the effective series resistance of COUT.
ΔILOAD also begins to charge or discharge COUT, which generates a feedback error signal. The regulator loop then acts
to return VOUT to its steady-state value. During this recovery time VOUT can be monitored for overshoot or ringing that
would indicate a stability problem.
Layout Considerations
The AS1335 requires proper layout and design techniques for optimum performance.
!
The power traces (GND, SW, and VIN) should be kept as short, direct, and wide as is practical.
!
Pin FB should be connected directly to the Output Voltage.
!
The positive plate of CIN should be connected as close to VIN as is practical since CIN provides the AC current to
the internal power MOSFETs.
!
Switching node SW should be kept far away from the sensitive FB node.
!
The negative plates of CIN and COUT should be kept as close to each other as is practical. A starpoint to Ground is
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com