Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1337 Datasheet(PDF) 9 Page - ams AG

Part # AS1337
Description  200mA, DC-DC Step-Up Converter with Buck Mode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1337 Datasheet(HTML) 9 Page - ams AG

Back Button AS1337 Datasheet HTML 5Page - ams AG AS1337 Datasheet HTML 6Page - ams AG AS1337 Datasheet HTML 7Page - ams AG AS1337 Datasheet HTML 8Page - ams AG AS1337 Datasheet HTML 9Page - ams AG AS1337 Datasheet HTML 10Page - ams AG AS1337 Datasheet HTML 11Page - ams AG AS1337 Datasheet HTML 12Page - ams AG AS1337 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1337
Revision 1.05
8 - 15
AS1337
Datasheet - Detailed Descr i pti on
Low-Voltage Start-Up and Soft Start
The AS1337 requires a VIN of only 0.85V (typ) or higher to start up. The low-voltage start-up circuitry controls the internal switches and provides
a soft start function, where the inductor current during start up is limited for a certain time. This soft start and in rush current limitation feature pro-
vides also a smooth curve of VOUT after start up and makes the overshoot of VOUT minimal. To achieve this, a 100pF capacitor as CFF is
needed (see Figure 13 on page 7) to speed up the feedback loop.
After a certain time a bigger inductor current is allowed and the soft start is disabled.
Low-Noise Fixed-Frequency Operation
Oscillator
The AS1337 switching frequency is internally fixed at 1.2MHz allowing the use of very small external components.
Current Sensing
A signal representing the internal NMOS-switch current is summed with the slope compensator. The summed signal is compared to the error
amplifier output to provide a peak current control command for the PWM. Peak switch current is limited to approximately 850mA independent of
VIN or VOUT.
Zero Current Comparator
The zero current comparator monitors the inductor current to the output and shuts off the PMOS synchronous rectifier once this current drops to
20mA (approx.). This prevents the inductor current from reversing polarity and results in improved converter efficiency at light loads.
Anti-Ringing Control
Anti-ringing control circuitry prevents high-frequency ringing on pin LX as the inductor current approaches zero. This is accomplished by damp-
ing the resonant circuit formed by the inductor and the capacitance on pin LX.
Setting Output Voltage
A voltage divider from VOUT to GND programs the output voltage from 2.5V to 5V via pin FB as:
VOUT = 1.23V(1 + (R1/R2))
(EQ 1)
Powersave Operation
In light load conditions, the integrated powersave feature removes power from all circuitry not required to monitor VOUT. When VOUT has
dropped approximately 1% from nominal, the AS1337 powers up and begins normal PWM operation.
COUT (see Figure 13 on page 7) recharges, causing the AS1337 to re-enter powersave mode as long as the output load remains below the pow-
ersave threshold. The frequency of this intermittent PWM is proportional to load current; i.e., as the load current drops further below the power-
save threshold, the AS1337 turns on less frequently. When the load current increases above the powersave threshold, the AS1337 will resume
continuous, seamless PWM operation.
Note:
An optional capacitor (CFF) between pins VOUT and FB in some applications can reduce VOUTp-p ripple and input quiescent current
during powersave mode. Typical values for CFF range from 15pF to 220pF.
Buck Mode
Both devices, the AS1337A and the AS1337B, offer a low power buck mode for VIN > VOUT operation. The switching during buck mode is simi-
lar to boost mode, but with forced reduction of some energy internal to be able to provide a buck conversion.
Shutdown
When pin EN is low the AS1337 is switched off and <1µA current is drawn from battery; when pin EN is high the device is switched on. If EN is
driven from a logic-level output, the logic high-level (on) should be referenced to VOUT to avoid intermittently switching the device on.
Note:
If pin EN is not used, it should be connected directly to pin VOUT.
Caution: Because of the feedthrough the output voltage is the same as the input voltage during shutdown. If VIN >
VOUT the output voltage will jump to the value of the input voltage when the device switches into shutdown.
During normal operation the device is in down conversion mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com