Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1337 Datasheet(PDF) 2 Page - ams AG

Part # AS1337
Description  200mA, DC-DC Step-Up Converter with Buck Mode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1337 Datasheet(HTML) 2 Page - ams AG

  AS1337 Datasheet HTML 1Page - ams AG AS1337 Datasheet HTML 2Page - ams AG AS1337 Datasheet HTML 3Page - ams AG AS1337 Datasheet HTML 4Page - ams AG AS1337 Datasheet HTML 5Page - ams AG AS1337 Datasheet HTML 6Page - ams AG AS1337 Datasheet HTML 7Page - ams AG AS1337 Datasheet HTML 8Page - ams AG AS1337 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AS1337
200mA, DC-DC Step-Up Converter with Buck Mode
www.austriamicrosystems.com/DC-DC_Step-Up/AS1337
Revision 1.05
1 - 15
Data sheet
1 General Description
The AS1337 is a synchronous, fixed frequency, highefficiency
DC-DC boost converter capable of supplying 3.3V @ 200mA
from two AA Cells. Compact size and minimum external parts
requirements make these devices perfect for modern portable
devices. The AS1337 offers automatic powersave mode to
increase efficiency at light loads. For input voltages higher
than VOUT the AS1337 will switch in a step down mode, so
that a Buck Boost function is realized.
The AS1337A offers a shutdown mode where the battery is
connected directly to the output enabling the supply of real-
time-clocks or memories.
In the shutdown mode of the AS1337B the battery is discon-
nected and the output is discharged.
The AS1337 offers a POK (open-drain) feature which detects
output power fail of 10%.
The AS1337 is available in a TDFN (3x3mm) 8-pin package.
2 Key Features
Input Voltage Range: 0.65V to 4.5V
Low Start-Up Voltage: 0.85V
Output Voltage Range: 2.5V to 5.0V
Delivers 200mA @ 3.3V (from two AA Cell)
up to 97% Efficiency
High-Speed Fixed-Frequency: 1.2MHz
Single-Cell Operation
Internal PMOS Synchronous Rectifier
Automatic Powersave Operation
Anti-Ringing Control Minimizes EMI
Logic Controlled Shutdown (< 1µA)
TDFN (3x3mm) 8-pin Package
3 Applications
The AS1337 is ideal for low-power applications where ultra-
small size is critical as in medical diagnostic equipment, hand-
held instruments, pagers, digital cameras, remote wireless
transmitters, MP3 players, LCD bias supplies, cordless
phones, GPS receivers, and PC cards.
Table 1. Standard Products
Model
Operation Mode
AS1337A
Battery Connected in Shutdown
AS1337B
Battery Disconnected in Shutdown and
Output Discharged
VIN = 2xAA
1.6V to 3.6V
Figure 1. AS1337 - Typical Application Diagram – Dual Cell to 3.3V Synchronous Boost Converter
3.6V
1.6V
VOUT=3.3V
Buck Mode
Boost Mode
AS1337
COUT
22µF
L1
4.7µH
VOUT = 3.3V
GND
FB
VIN
EN
PGND
POK
VIN Curve
LX
VOUT
On
Off
CIN
10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com