Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1337 Datasheet(PDF) 5 Page - ams AG

Part # AS1337
Description  200mA, DC-DC Step-Up Converter with Buck Mode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1337 Datasheet(HTML) 5 Page - ams AG

  AS1337 Datasheet HTML 1Page - ams AG AS1337 Datasheet HTML 2Page - ams AG AS1337 Datasheet HTML 3Page - ams AG AS1337 Datasheet HTML 4Page - ams AG AS1337 Datasheet HTML 5Page - ams AG AS1337 Datasheet HTML 6Page - ams AG AS1337 Datasheet HTML 7Page - ams AG AS1337 Datasheet HTML 8Page - ams AG AS1337 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1337
Revision 1.05
4 - 15
AS1337
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
VIN = VEN = +1.2V, VOUT = +3.3V, Typ values @ TAMB = +25ºC (unless otherwise specified);
Table 4. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TAMB
Operating Temperature Range
-45
+85
°C
Input
Minimum Start-Up Voltage
ILOAD = 1mA
0.85
1.15
V
Minimum Operating Voltage
EN = VIN
1
1. Minimum VIN operation after start-up is only limited by the battery’s ability to provide the necessary power as it enters a deeply dis-
charged state.
0.65
0.85
V
VIN
Maximum Input Voltage
4.5
V
Output Voltage Adjust Range
2.5
5
V
Regulation
VFB
Feedback Voltage
1.192
1.23
1.268
V
IFB
Feedback Input Current
VFB = 1.25V
1
nA
Operating Current
IQPWS
Quiescent Current
VFB = 1.4V
2
2. IQPWS is measured at VOUT. Multiply this value by VOUT/VIN to get the equivalent input (battery) current.
Note:
All limits are guaranteed. The parameters with min and max values are guaranteed with production tests or SQC (Statistical Quality
Control) methods.
20
35
µA
ISHDN
Shutdown Current
EN = GND, VIN = 3.3V
0.01
1
µA
Switches
INMOSSWL NMOS Switch Leakage
0.01
1
µA
IPMOSSWL PMOS Switch Leakage
AS1337B only
0.01
1
µA
RONNMOS NMOS Switch On Resistance
VOUT = 3.3V
0.35
Ω
VOUT = 5V
0.20
RONPMOS PMOS Switch On Resistance
VOUT = 3.3V
0.45
Ω
VOUT = 5V
0.30
INMOS
NMOS Current Limit
850
mA
Max Duty Cycle
VFB = 1V
80
87
%
fSW
Switching Frequency
0.95
1.2
1.5
MHz
Shutdown
VIH
Enable Input Threshold
1
V
VIL
0.3
IEN
EN Input Current
EN = 5.0V
0.01
1
µA
Power-OK
POK Voltage Low
IPOK=1mA
0.1
0.4
V
POK Leakage Current
VPOK = VIN or VOUT
1
100
nA
Power-OK Threshold
Falling Edge
86
88
91
%
Thermal Protection
TENM
Overtemperature Protection
145
ºC
ΔTENM
Overtemperature Protection Hysteresis
10
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com