Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1353 Datasheet(PDF) 7 Page - ams AG

Part # AS1353
Description  Linear Low-Dropout 150mA Voltage Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1353 Datasheet(HTML) 7 Page - ams AG

Back Button AS1353_04 Datasheet HTML 3Page - ams AG AS1353_04 Datasheet HTML 4Page - ams AG AS1353_04 Datasheet HTML 5Page - ams AG AS1353_04 Datasheet HTML 6Page - ams AG AS1353_04 Datasheet HTML 7Page - ams AG AS1353_04 Datasheet HTML 8Page - ams AG AS1353_04 Datasheet HTML 9Page - ams AG AS1353_04 Datasheet HTML 10Page - ams AG AS1353_04 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.austriamicrosystems.com
Revision 1.03
6 - 13
AS1353/AS1356
Data Sheet - Ty pi cal Operating Characte ristics
7 Typical Operating Characteristics
VOUT = +3.0V, VIN = +3.6V, CIN = COUT = 1µF, SHDNM = IN, TAMB = +25ºC (unless otherwise specified)
Figure 3. Ground Pin Current vs. Input Voltage
Figure 4. Ground Pin Current vs. Output Load
Figure 5. Ground Pin Current vs. Temperature
Figure 6. Output Voltage vs. Input Voltage
Figure 7. Output Voltage vs. Output Load
Figure 8. Output Voltage vs. Temperature
0
20
40
60
80
100
120
140
0123456
Input Voltage (V)
60
70
80
90
100
110
120
0
25
50
75
100
125
150
Output Load (mA)
IOUT = 0mA
IOUT = 150mA
VIN = 3.5V
VIN = 5V
60
70
80
90
100
110
120
130
-40
-20
0
20
406080
100
Temperature (°C)
VIN = 3.6V, IOUT = 150mA
VIN = 5V, IOUT = 150mA
VIN = 3.6V, IOUT = 0mA
VIN = 5V, IOUT = 0mA
0
0.5
1
1.5
2
2.5
3
3.5
01
2
3
45
6
Input Voltage (V)
IOUT = 0mA
IOUT = 150mA
2.9
2.95
3
3.05
3.1
0
25
50
75
100
125
150
Output Load (mA)
VIN = 5V
VIN = 3.6V
2.98
2.99
3
3.01
3.02
3.03
3.04
-40
-20
0
20
40
60
80
100
Temperature (°C)
VIN = 5V, IOUT = 150mA
VIN = 3.6V, IOUT = 0mA
VIN = 3.6V, IOUT = 0mA
VIN = 3.6V,
IOUT = 150mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com