Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1353 Datasheet(PDF) 12 Page - ams AG

Part # AS1353
Description  Linear Low-Dropout 150mA Voltage Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1353 Datasheet(HTML) 12 Page - ams AG

Back Button AS1353_04 Datasheet HTML 6Page - ams AG AS1353_04 Datasheet HTML 7Page - ams AG AS1353_04 Datasheet HTML 8Page - ams AG AS1353_04 Datasheet HTML 9Page - ams AG AS1353_04 Datasheet HTML 10Page - ams AG AS1353_04 Datasheet HTML 11Page - ams AG AS1353_04 Datasheet HTML 12Page - ams AG AS1353_04 Datasheet HTML 13Page - ams AG AS1353_04 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
www.austriamicrosystems.com
Revision 1.03
11 - 13
AS1353/AS1356
Data Sheet - Package Drawings and Mark ings
10 Package Drawings and Markings
The AS1353/AS1356 are available in a 5-pin SOT23 package.
Figure 14. 5-pin SOT23 Package
Symbol
Min
Max
A0.90
1.45
A1
0.00
0.15
A2
0.90
1.30
b0.30
0.50
C0.09
0.20
D2.80
3.05
E2.60
3.00
E1
1.50
1.75
L0.30
0.55
e
0.95 REF
e1
1.90 REF
α
0º
8º
Notes:
1. All dimensions in millimeters.
2. Foot length measured at intercept point between datum A and lead
surface.
3. Package outline exclusive of mold flash and metal burr.
4. Package outline inclusive of solder plating.
5. Complies with EIAJ SC74.
6. PKG ST 0003 Rev A supersedes SOT23-D-2005 Rev C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com