Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1353 Datasheet(PDF) 13 Page - ams AG

Part # AS1353
Description  Linear Low-Dropout 150mA Voltage Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1353 Datasheet(HTML) 13 Page - ams AG

Back Button AS1353_04 Datasheet HTML 6Page - ams AG AS1353_04 Datasheet HTML 7Page - ams AG AS1353_04 Datasheet HTML 8Page - ams AG AS1353_04 Datasheet HTML 9Page - ams AG AS1353_04 Datasheet HTML 10Page - ams AG AS1353_04 Datasheet HTML 11Page - ams AG AS1353_04 Datasheet HTML 12Page - ams AG AS1353_04 Datasheet HTML 13Page - ams AG AS1353_04 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
www.austriamicrosystems.com
Revision 1.03
12 - 13
AS1353/AS1356
Data Sheet - Or dering Informati on
11 Ordering Information
The devices are available as the following standard products.
Non-standard versions are available with a minimum order of 30,000 units. Contact austriamicrosystems for availability
of non-standard versions.
Type
Marking
Description
Delivery Form
Package
AS1353-15-T
ASD8
LDO 150mA, Reverse-Battery Protection, 1.5V
Tape and Reel
5-pin SOT23
AS1353-18-T
ASD9
LDO 150mA, Reverse-Battery Protection, 1.8V
Tape and Reel
5-pin SOT23
AS1353-26-T
ASHB
LDO 150mA, Reverse-Battery Protection, 2.6V
Tape and Reel
5-pin SOT23
AS1353-28-T
ASHC
LDO 150mA, Reverse-Battery Protection, 2.8V
Tape and Reel
5-pin SOT23
AS1353-30-T
ASHD
LDO 150mA, Reverse-Battery Protection, 3.0V
Tape and Reel
5-pin SOT23
AS1353-33-T
ASHE
LDO 150mA, Reverse-Battery Protection, 3.3V
Tape and Reel
5-pin SOT23
AS1353-36-T
ASI8
LDO 150mA, Reverse-Battery Protection, 3.6V
Tape and Reel
5-pin SOT23
AS1356-27-T
ASHM
LDO 150mA, Reverse-Battery Protection,with
Power-OK, 2.7V
Tape and Reel
5-pin SOT23
AS1356-33-T
ASHO
LDO 150mA, Reverse-Battery Protection,with
Power-OK, 3.3V
Tape and Reel
5-pin SOT23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com