Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1374 Datasheet(PDF) 12 Page - ams AG

Part # AS1374
Description  Dual 200mA, Low-Noise, High-PSRR, Low Dropout Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1374 Datasheet(HTML) 12 Page - ams AG

Back Button AS1374 Datasheet HTML 8Page - ams AG AS1374 Datasheet HTML 9Page - ams AG AS1374 Datasheet HTML 10Page - ams AG AS1374 Datasheet HTML 11Page - ams AG AS1374 Datasheet HTML 12Page - ams AG AS1374 Datasheet HTML 13Page - ams AG AS1374 Datasheet HTML 14Page - ams AG AS1374 Datasheet HTML 15Page - ams AG AS1374 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
AS1374
Datasheet - Application In form atio n
www.austriamicrosystems.com/LDOs/AS1374
Revision 1.8
11 - 18
9.3 Power Dissipation
Maximum power dissipation (PD) of the LDO is the sum of the power dissipated by the internal series MOSFET and the quiescent current
required to bias the internal voltage reference and the internal error amplifier, and is calculated as:
Watts
(EQ 3)
Internal power dissipation as a result of the bias current for the internal voltage reference and the error amplifier is calculated as:
Watts
(EQ 4)
Total LDO power dissipation is calculated as:
Watts
(EQ 5)
9.4 Junction Temperature
Under all operating conditions, the maximum junction temperature should not be allowed to exceed 125°C (unless otherwise specified in the
datasheet). Limiting the maximum junction temperature requires knowledge of the heat path from junction to case (
JC°C/W fixed by the IC
manufacturer), and adjustment of the case to ambient heat path (
CA°C/W) by manipulation of the PCB copper area adjacent to the IC position.
Figure 27. Package Physical Arrangements
PD
MAX
 Seriespass

I
LOAD MAX

=
V
IN MAX

V
OUT MIN

–

PD
MAX
 Bias

V
IN MAX
IQ
=
PD
MAX
 Total

PD
MAX
 Seriespass
 PD
MAX

+
Bias

=
Chip
PCB
Package
Transfer Layer
CS-WLP Package
Solder Balls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com