Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1374 Datasheet(PDF) 15 Page - ams AG

Part # AS1374
Description  Dual 200mA, Low-Noise, High-PSRR, Low Dropout Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1374 Datasheet(HTML) 15 Page - ams AG

Back Button AS1374 Datasheet HTML 11Page - ams AG AS1374 Datasheet HTML 12Page - ams AG AS1374 Datasheet HTML 13Page - ams AG AS1374 Datasheet HTML 14Page - ams AG AS1374 Datasheet HTML 15Page - ams AG AS1374 Datasheet HTML 16Page - ams AG AS1374 Datasheet HTML 17Page - ams AG AS1374 Datasheet HTML 18Page - ams AG AS1374 Datasheet HTML 19Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
AS1374
Datasheet
www.austriamicrosystems.com/LDOs/AS1374
Revision 1.8
14 - 18
9.6.5 Transient Response
The series regulator is a negative feedback system, and therefore any change at the output will take a finite time to be corrected by the error
loop. This “propagation time” is related to the bandwidth of the error loop. The initial response to an output transient comes from the output
capacitance, and during this time, ESR is the dominant mechanism causing voltage transients at the output. More generally:
Units are Volts, Amps, Ohms.
(EQ 15)
Thus an initial +50mA change of output current will produce a -12mV transient when the ESR=240m
. Do remember to keep the ESR within
stability recommendations when reducing ESR by adding multiple parallel output capacitors.
After the initial ESR transient, there follows a voltage droop during the time that the LDO feedback loop takes to respond to the output change.
This drift is approx. linear in time and sums with the ESR contribution to make a total transient variation at the output of:
Units are Volts, Seconds, Farads, Ohms.
(EQ 16)
Where:
CLOAD is output capacitor
T= Propagation Delay of the LDO
This shows why it is convenient to increase the output capacitor value for a better support for fast load changes. Of course the formula holds for
t < “propagation time”, so that a faster LDO needs a smaller cap at the load to achieve a similar transient response. For instance 50mA load
current step produces 50mV output drop if the LDO response is 1µsec and the load cap is 1µF.
There is also a steady state error caused by the finite output impedance of the regulator. This is derived from the load regulation specification
discussed above.
9.6.6 Turn On Time
This specification defines the time taken for the LDO to awake from shutdown. The time is measured from the release of the enable pin to the
time that the output voltage is within 5% of the final value. It assumes that the voltage at VIN is stable and within the regulator min and max limits.
Shutdown reduces the quiescent current to very low, mostly leakage values (<1µA).
9.6.7 Thermal Protection
To prevent operation under extreme fault conditions, such as a permanent short circuit at the output, thermal protection is built into the device.
Die temperature is measured, and when a 160°C threshold is reached, the device enters shutdown. When the die cools sufficiently, the device
will restart (assuming input voltage exists and the device is enabled). Hysteresis of 15°C prevents low frequency oscillation between start-up and
shutdown around the temperature threshold.
V
TRANSIENT
I
OUTPUT
R
ESR
=
V
TRANSIENT
I
OUTPUT
R
ESR
T
C
LOAD
-----------------
+


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com