Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1374 Datasheet(PDF) 18 Page - ams AG

Part # AS1374
Description  Dual 200mA, Low-Noise, High-PSRR, Low Dropout Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1374 Datasheet(HTML) 18 Page - ams AG

Back Button AS1374 Datasheet HTML 11Page - ams AG AS1374 Datasheet HTML 12Page - ams AG AS1374 Datasheet HTML 13Page - ams AG AS1374 Datasheet HTML 14Page - ams AG AS1374 Datasheet HTML 15Page - ams AG AS1374 Datasheet HTML 16Page - ams AG AS1374 Datasheet HTML 17Page - ams AG AS1374 Datasheet HTML 18Page - ams AG AS1374 Datasheet HTML 19Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
AS1374
Datasheet - Orderin g Info r m ation
www.austriamicrosystems.com/LDOs/AS1374
Revision 1.8
17 - 18
11 Ordering Information
The devices are available as the standard products shown in Table 4.
Note:
All products are RoHS compliant and austriamicrosystems green.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
Technical Support is available at http://www.austriamicrosystems.com/Technical-Support
For further information and requests, please contact us mailto:sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Table 4. Ordering Information
Ordering Code
Marking
Output Voltage 1
Output Voltage 2
Delivery Form
Package
AS1374-BWLT-285
ASSH
2.85V
2.85V
Tape and Reel
6-bump WLP
AS1374-BWLT1833
ASSJ
1.8V
3.3V
Tape and Reel
6-bump WLP
AS1374-BWLT1818
ASSP
1.8V
1.8V
Tape and Reel
6-bump WLP
AS1374-BWLT1218
ASSK
1.2V
1.8V
Tape and Reel
6-bump WLP
AS1374-BWLT1214
ASSY
1.2V
1.4V
Tape and Reel
6-bump WLP
AS1374-BWLT18285
ASSZ
1.8V
2.85V
Tape and Reel
6-bump WLP
AS1374-BWLT1212
ASSW
1.2V
1.2V
Tape and Reel
6-bump WLP
AS1374-BWLT1827
ASTB
1.8V
2.7V
Tape and Reel
6-bump WLP
AS1374-BWLT1533
1
1. On request
ASTF
1.5V
3.3V
Tape and Reel
6-bump WLP
AS1374-BWLT1820
1
ASTG
1.8V
2.0V
Tape and Reel
6-bump WLP
AS1374-BWLT1821
1
ASTH
1.8V
2.1V
Tape and Reel
6-bump WLP
AS1374-BWLT2533
1
ASTI
2.5V
3.3V
Tape and Reel
6-bump WLP
AS1374-BWLT
2
2. Non-standard devices from 1.2V to 3.6V are available in 50mV steps.
For more information and inquiries contact http://www.austriamicrosystems.com/contact
____
tbd
tbd
Tape and Reel
6-bump WLP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com