Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1390A Datasheet(PDF) 13 Page - ams AG

Part # AS1390A
Description  High Power Boost Cont rol ler and Buck Conver ter for LED Backl ight
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1390A Datasheet(HTML) 13 Page - ams AG

Back Button AS1390A Datasheet HTML 9Page - ams AG AS1390A Datasheet HTML 10Page - ams AG AS1390A Datasheet HTML 11Page - ams AG AS1390A Datasheet HTML 12Page - ams AG AS1390A Datasheet HTML 13Page - ams AG AS1390A Datasheet HTML 14Page - ams AG AS1390A Datasheet HTML 15Page - ams AG AS1390A Datasheet HTML 16Page - ams AG AS1390A Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
www.austriamicrosystems.com/Power-Management/AS1390
Revision 1.04
12 - 20
AS1390A, AS1390B
Datasheet - D e t a i l e d D e s c r i p t i o n
8.1.3
Continuous Conduction Mode (CCM)
For normal operation the converter should stay in continuous conduction mode, to ensure that the inductor value must be bigger than LCRIT.
Where:
VIN ... Input voltage at VDDH
VOUT ... Output voltage
VD ... Diode forward voltage at D1
fSW ... Switching frequency
R ... Load resistor, should be calculated with minimum current load R = VOUT / IOUT_min
IOUT_min ... Minimum output current (e.g. for LED dirver only one LED string is on)
8.1.4
Duty Cycle
Within CCM, the well known relation between input and output voltage is described in the following equation:
this means for the duty cycle:
8.1.5
Inductor Current
The inductor current varies during a switching cycle. This variation can be expressed by the mean value of the inductor current and the delta rise/
fall current within each cycle (see Figure 21).
Figure 21. Inductor Current
Mean inductor current:
Delta inductor current:
(EQ 5)
L
C RIT
1
V
IN
V
OUT
V
D
+
---------------------------
–
V
2
IN
×
R
×
2
f
SW
×
V
OUT
V
D
+
(
)
2
×
----------------------------------------------------------------------
=
(EQ 6)
V
OUT
V
D
+
V
IN
---------------------------
1
1
D
–
-------------
=
(EQ 7)
D
1
V
IN
V
OUT
V
D
+
---------------------------
–
=
(EQ 8)
I
L
I
OUT
1
D
–
-------------
=
(EQ 9)
I
L
∆
D
V
IN
×
f
S
L
×
-------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com