Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1390A Datasheet(PDF) 14 Page - ams AG

Part # AS1390A
Description  High Power Boost Cont rol ler and Buck Conver ter for LED Backl ight
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1390A Datasheet(HTML) 14 Page - ams AG

Back Button AS1390A Datasheet HTML 10Page - ams AG AS1390A Datasheet HTML 11Page - ams AG AS1390A Datasheet HTML 12Page - ams AG AS1390A Datasheet HTML 13Page - ams AG AS1390A Datasheet HTML 14Page - ams AG AS1390A Datasheet HTML 15Page - ams AG AS1390A Datasheet HTML 16Page - ams AG AS1390A Datasheet HTML 17Page - ams AG AS1390A Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
www.austriamicrosystems.com/Power-Management/AS1390
Revision 1.04
13 - 20
AS1390A, AS1390B
Datasheet - D e t a i l e d D e s c r i p t i o n
Peak current:
RMS inductor current:
This peak current is flowing through MN1 during phase 1 and through D1 during phase 2 of each cycle. Therefore this peak current is important
for a proper diode D1, MOSFET MN1 and inductor L1 selection.
Note:
The saturation current of the inductor should be about 20 to 30% larger than the peak current
8.1.6
Input Capacitor
The input capacitor has to supply the delta inductor current and it should be selected according to:
8.1.7
Output Capacitor
The output capacitor must be chosen according to the max allowable output ripple at high load.
8.1.8
Current Sense Resistor
Note:
Low inductance and specifically designed current sensing resistors should be used, e.g. Stackpole Electronics CSR/CSRN series of
sensing resistors with less than 0.2nH (typ.).
8.1.9
Compensation Network
For typical use cases a compensation network should be implemented by C10, C11 and R11 for 2D mode and optional by different component
values C12, C13, R13 for 3D mode (see Figure 18 on page 10).
A typical choice for values of the compensation network is C10 = 100pF, C11 = 10nF, R11 = 100K
Ω. Use these values as initial choice and
evaluate the transient response of the system to verify the behavior at output load change. To be able to do a different compensation for 3D
mode, a second pin COMP_3D is available. If no separate compensation for 3D mode is necessary, PINs COMP_2D and COMP_3D can be
connected to one common compensation network.
(EQ 10)
I
pk
I
L
I
L
∆
2
--------
I
OUT
1
D
–
-------------
D
V
IN
×
2
f
S
×
L
×
-----------------------
+
=
+
=
(EQ 11)
I
R MS
I
L
2
1 12
⁄
I
L
∆
×
(
)
2
+
=
(EQ 12)
C
IN
I
L
∆
4
V
IN
∆
×
f
SW
×
------------------------------------
>
(EQ 13)
ESR
V
IN
∆
2
I
L
∆
×
-----------------
<
(EQ 14)
C
OUT
I
OUT
max
–
D
×
V
OUT
∆
f
SW
×
------------------------------------
>
(EQ 15)
ESR
V
OUT
∆
I
OUT
1
D
–
-------------
V
IN
D
×
2
L
×
f
SW
×
---------------------------
+
-----------------------------------------------------
<
(EQ 16)
R
S
max
–
V
SEN SE
I
L
0 5
,
I
L
∆
×
+
-----------------------------------
=
(EQ 17)
P
RS
I
2
L
rms
–
R
S
D
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com