Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1390A Datasheet(PDF) 6 Page - ams AG

Part # AS1390A
Description  High Power Boost Cont rol ler and Buck Conver ter for LED Backl ight
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1390A Datasheet(HTML) 6 Page - ams AG

Back Button AS1390A Datasheet HTML 2Page - ams AG AS1390A Datasheet HTML 3Page - ams AG AS1390A Datasheet HTML 4Page - ams AG AS1390A Datasheet HTML 5Page - ams AG AS1390A Datasheet HTML 6Page - ams AG AS1390A Datasheet HTML 7Page - ams AG AS1390A Datasheet HTML 8Page - ams AG AS1390A Datasheet HTML 9Page - ams AG AS1390A Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.austriamicrosystems.com/Power-Management/AS1390
Revision 1.04
5 - 20
AS1390A, AS1390B
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VDDH = 24V, EN_BOOST = 5V, unless otherwise noted. Typical values are at TA=25°C. All limits are guaranteed. The parameters with min and
max values are guaranteed with production tests or SQC (Statistical Quality Control) methods.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TA
Operating Temperature Range
-40
+85
°C
TJ
Operating Junction Temperature Range
-40
+125
°C
VDDH
Supply Voltage Range
1
10
30
V
VFB
Feedback Voltage
1.25
V
IQ
Quiescent Supply Current
1
mA
Boost Converter
VOUT Boost
2
Output Voltage Range
30
90
V
Accuracy
-2
+2
%
IOUT Boost
Output current Boost Converter
3
1000
3000
mA
fSW
Boost Swichting Frequency
275
kHz
Buck Converter
VOUT Buck
Output Voltage Range
5
V
Accuracy
IOUT Buck = 50mA
-5.0
+5.0
%
IOUT Buck
Output current Buck Converter
100
mA
fSW
Buck Switching Frequency
1000
kHz
RON_Buck
Driver ON Resistance Buck
3
Ω
Driver Stage
RSWON1
Driver ON Resistance Top
8
Ω
RSWON2
Driver ON Resistance Bottom
8
Ω
VDRV,peak
Driver Peak Voltage (voltage @ VDDM)
9
V
tRISE
Driver Pin Rise Time
CGS = 3nF, VDDM = 9V,
VDRV = 0 to 3V
25
ns
tFALL
Driver Pin Fall Time
25
ns
Undervoltage Lockout
VREF
UVLO Reference Voltage
1.35
V
IHYST
Hysteresis Current
20
A
Enable
VIH,EN
VIH,MODE
Logic high input threshold
1.8
V
VIL,EN
VIL,MODE
Logic low input threshold
0.8V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com