Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1390B Datasheet(PDF) 16 Page - ams AG

Part # AS1390B
Description  High Power Boost Cont rol ler and Buck Conver ter for LED Backl ight
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1390B Datasheet(HTML) 16 Page - ams AG

Back Button AS1390B Datasheet HTML 12Page - ams AG AS1390B Datasheet HTML 13Page - ams AG AS1390B Datasheet HTML 14Page - ams AG AS1390B Datasheet HTML 15Page - ams AG AS1390B Datasheet HTML 16Page - ams AG AS1390B Datasheet HTML 17Page - ams AG AS1390B Datasheet HTML 18Page - ams AG AS1390B Datasheet HTML 19Page - ams AG AS1390B Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
www.austriamicrosystems.com/Power-Management/AS1390
Revision 1.04
15 - 20
AS1390A, AS1390B
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
9.1 Typical Application
Figure 22. Typical Application
9.2 Recommended external Components
In order to reach the highest efficiency and best performance of the device we recommend to use the following external components.
For the capacitors and resistors standard available components can be used. Depending on the desired voltage and the current special
inductors and transistors should be used to guarantee pest performance for high current and high voltage operation. For the transistor we
recommend the SIR432DP from Vishay Siliconix (www.vishay.com) for the Inductors see Table 4.
Table 4. Recommended Inductors
Part Number
L
DCR
Current Rating Dimensions (L/W/T)
Manufacturer
74435573300
33µH
22m
Ω
8.5A
18.3x18.2x8.9mm
Würth Elektronik
www.we-online.de
VLCF4020T-470MR39
47µH
849m
Ω
0.39A
4.0x4.0x2.0mm
TDK
www.tdk.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com