Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1390B Datasheet(PDF) 4 Page - ams AG

Part # AS1390B
Description  High Power Boost Cont rol ler and Buck Conver ter for LED Backl ight
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1390B Datasheet(HTML) 4 Page - ams AG

  AS1390B Datasheet HTML 1Page - ams AG AS1390B Datasheet HTML 2Page - ams AG AS1390B Datasheet HTML 3Page - ams AG AS1390B Datasheet HTML 4Page - ams AG AS1390B Datasheet HTML 5Page - ams AG AS1390B Datasheet HTML 6Page - ams AG AS1390B Datasheet HTML 7Page - ams AG AS1390B Datasheet HTML 8Page - ams AG AS1390B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.austriamicrosystems.com/Power-Management/AS1390
Revision 1.04
3 - 20
AS1390A, AS1390B
Datasheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 3. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Pin Typ
Description
AS1390A
AS1390B
13
5
VDDH
P
Supply Voltage
3
10
UVLO
A I/O
Undervoltage Lockout
6
12
COMP_2D
A I/O
Compensation Network 2D. default
8
COMP_3D
A I/O
Compensation Network 3D
19
6
VBIAS
A I/O
High Side Regulator Output. Connect this pin to the Supply rail via a capacitor.
14
1, 16
VDDL
A I/O
Internal Regulator Output
17
4
VDDM
A I/O
Drive Voltage Regulator Output
5
11
FB_2D
A I/O
FB Input 2D. default
4
FB_3D
A I/O
FB Input 3D
15
2
GATE
A I/O
Gate Driver Output
7
13
SENSE_2D
A I/O
Current Sense Input 2D. default
9
SENSE_3D
A I/O
Current Sense Input 3D
10
-
SENSE_GND
A I/O
Current Sense Input GND. (only for AS1390A)
1
8
LX
A I/O
Inductor Connector. Connect an inductor from LX to the output of the buck
converter
2
9
FB_BUCK
A I/O
Feedback Buck Pin. Connect this pin to the output of the buck converter
20
7
VDDHP
P
Supply for DCDC Buck-Converter
16
3
PGND
P
Power Ground
11
14
AGND
P
Analog Ground
12
15
EN_BOOST
D IN
Enable. Enables the Boost-Controller.
1 = Normal operation;
0 = Shutdown;
13
-
MODE_3D
D IN
Selection for 3D Mode. (only for AS1390A)
1 = 3D;
0 = 2D;
-
Exposed Pad
n.c.
Exposed Pad. This pad is not connected internally. Can be left floating or connect to
GND to achieve an optimal thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com