Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1390B Datasheet(PDF) 2 Page - ams AG

Part # AS1390B
Description  High Power Boost Cont rol ler and Buck Conver ter for LED Backl ight
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1390B Datasheet(HTML) 2 Page - ams AG

  AS1390B Datasheet HTML 1Page - ams AG AS1390B Datasheet HTML 2Page - ams AG AS1390B Datasheet HTML 3Page - ams AG AS1390B Datasheet HTML 4Page - ams AG AS1390B Datasheet HTML 5Page - ams AG AS1390B Datasheet HTML 6Page - ams AG AS1390B Datasheet HTML 7Page - ams AG AS1390B Datasheet HTML 8Page - ams AG AS1390B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
A S 1 3 9 0 A , A S 1 3 9 0 B
H i g h P o w e r B o o s t C o n t r o l l e r a n d B u c k C o n v e r t e r f o r L E D B a c k l i g h t
www.austriamicrosystems.com/Power-Management/AS1390
Revision 1.04
1 - 20
D a t a s h e e t
1 General Description
The AS1390A, AS1390B is a high-power, constant-frequency boost
controller with an integrated buck converter. The AS1390A can be
used for the boost converter in TV sets which are optimized for 2D
and 3D mode. AS1390B is designed for single mode operation.
The continuous conduction mode of the AS1390 provides superior
bandwith and transient response. The two output voltages for the
boost controller (2D and 3D mode) can be programmed with an
external resistor divider.
The buck converter is optimized for suppling a P with 5V.
The AS1390A is available in a 20-Pin QFN (4x4mm) package, the
AS1390B comes in a 16-pin SOIC package.
Figure 1. AS1390A - Typical Application
2 Key Features
High Efficiency: Up to 95%
Supply Voltage Range: 10V to 30V
Boost Output Current: up to 3A
Continuous Conduction Mode
Undervoltage Lockout with hysteresis
Overvoltage, Overcurrent and Overtemperature Protection
Low Dropout Operation: 90% Duty Cycle
Buck always ON, Boost with enable PIN
Packages:
- 20-Pin QFN (4x4mm)
- 16-pin SOIC
3 Applications
The device is ideal for LED backlighting for LCD - TV sets and
monitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com