Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1710B-ASCT Datasheet(PDF) 8 Page - ams AG

Part # AS1710B-ASCT
Description  High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1710B-ASCT Datasheet(HTML) 8 Page - ams AG

Back Button AS1710B-ASCT Datasheet HTML 4Page - ams AG AS1710B-ASCT Datasheet HTML 5Page - ams AG AS1710B-ASCT Datasheet HTML 6Page - ams AG AS1710B-ASCT Datasheet HTML 7Page - ams AG AS1710B-ASCT Datasheet HTML 8Page - ams AG AS1710B-ASCT Datasheet HTML 9Page - ams AG AS1710B-ASCT Datasheet HTML 10Page - ams AG AS1710B-ASCT Datasheet HTML 11Page - ams AG AS1710B-ASCT Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.austriamicrosystems.com/Audio/OpAmps/AS1710_12
Revision 1.9
7 - 19
AS1710/AS1712
Datasheet - Ty pical Operating Characteristics
Figure 7. Supply Current vs. Temperature
Figure 8. Shutdown Current vs. Temperature
Figure 9. Supply Current vs. Common-Mode Voltage
Figure 10. Input Voltage Noise vs. Frequency
Figure 11. Output Voltage vs. Output Current, sourcing
Figure 12. Output Voltage vs. Output Current, sinking
0
0.5
1
1.5
2
2.5
3
3.5
4
-45
-20
5
30
55
80
105
130
Temperature (°C)
5V
2.7V
0.1
1
10
100
1000
-45
-20
5
30
55
80
105
130
Temperature (°C)
0
0.5
1
1.5
2
2.5
3
01
2
3
45
Common-Mode Voltage (V)
2.7V
5V
1
10
100
1000
0.001
0.1
10
1000
Frequency (kHz)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
50
100
150
200
250
Output Current (mA)
2.7V
5V
t<1s
t>10s
t>10s
t<1s
0
0.25
0.5
0.75
1
1.25
1.5
1.75
0
50
100
150
200
Output Current (mA)
2.7V
5V
t>10s
t<1s
t>10s
t<1s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com