Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1710B-ASCT Datasheet(PDF) 13 Page - ams AG

Part # AS1710B-ASCT
Description  High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1710B-ASCT Datasheet(HTML) 13 Page - ams AG

Back Button AS1710B-ASCT Datasheet HTML 9Page - ams AG AS1710B-ASCT Datasheet HTML 10Page - ams AG AS1710B-ASCT Datasheet HTML 11Page - ams AG AS1710B-ASCT Datasheet HTML 12Page - ams AG AS1710B-ASCT Datasheet HTML 13Page - ams AG AS1710B-ASCT Datasheet HTML 14Page - ams AG AS1710B-ASCT Datasheet HTML 15Page - ams AG AS1710B-ASCT Datasheet HTML 16Page - ams AG AS1710B-ASCT Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
www.austriamicrosystems.com/Audio/OpAmps/AS1710_12
Revision 1.9
12 - 19
AS1710/AS1712
Datasheet - Application In form atio n
Figure 23. Rail-to-Rail Input/Output Range, 100k
Figure 24. Rail-to-Rail Input/Output Range, 32
Note:
The absolute maximum ratings (see page 3) for power dissipation and output short-circuit duration (10s, max) must be adhered to
since the output current can exceed 200mA (see Typical Operating Characteristics on page 6).
8.5 Input Capacitance
The parallel-connected differential input stages for rail-to-rail operation results in relatively large input capacitance CIN (6pF typ). This introduces
a pole at frequency (2
RCIN)-1, where Ris the parallel combination of the gain-setting resistors for the inverting or non-inverting amplifier
configuration (Figure 25). If the pole frequency is less than or comparable to the unity-gain bandwidth (10MHz), the phase margin is reduced,
and the amplifier exhibits degraded AC performance through either ringing in the step response or sustained oscillations.
Figure 25. Inverting and Non-inverting Amplifiers with Feedback Compensation
The pole frequency is 10MHz when R
= 2k. To maximize stability, R<< 2k is recommended.
To improve step response when R
> 2k, connect a small capacitor (CF) between the inverting input and output. CF can be calculated by:
CF = 6(R/RF) [pf]
(EQ 6)
Where:
RF is the feedback resistor.
R is the gain-setting resistor.
2.5µs/Div
2.5µs/Div
VCC = 3.0V, RLOAD
= 32
VCC = 3.0V, RLOAD
= 100k
VIN
RF
+
AS1710
CF
VOUT
R
R
= R II R
F
RFCF = RCIN
Inverting
VIN
RF
+
AS1710
CF
VOUT
R
Non-Inverting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com