Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1710B-ASCT Datasheet(PDF) 11 Page - ams AG

Part # AS1710B-ASCT
Description  High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1710B-ASCT Datasheet(HTML) 11 Page - ams AG

Back Button AS1710B-ASCT Datasheet HTML 7Page - ams AG AS1710B-ASCT Datasheet HTML 8Page - ams AG AS1710B-ASCT Datasheet HTML 9Page - ams AG AS1710B-ASCT Datasheet HTML 10Page - ams AG AS1710B-ASCT Datasheet HTML 11Page - ams AG AS1710B-ASCT Datasheet HTML 12Page - ams AG AS1710B-ASCT Datasheet HTML 13Page - ams AG AS1710B-ASCT Datasheet HTML 14Page - ams AG AS1710B-ASCT Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.austriamicrosystems.com/Audio/OpAmps/AS1710_12
Revision 1.9
10 - 19
AS1710/AS1712
Datasheet - Application In form atio n
8 Application Information
8.1 Package Power Dissipation
Caution:
Due to the high output current drive, this op-amp can exceed the absolute maximum power-dissipation rating. Normally, when peak
current is less than or equal to 40mA the maximum package power dissipation is not exceeded for any of the package types
offered.
The absolute maximum power-dissipation rating of each package should always be verified. (EQ 1) gives an approximation of the package
power dissipation:
PPACKAGEDISS
VRMS IRMS COS
(EQ 1)
Where:
VRMS is the RMS voltage from VDD to VOUT when sourcing current, and from VOUT to VSS when sinking current.
IRMS is the RMS current flowing in or out of the op-amp and the load.
is the phase difference between the voltage and the current. For resistive loads, COS= 1.
Figure 21. Typical AS1710/AS1712 Single-Supply Application
VRMS can be calculated as:
VRMS
(VDD - VDC) + VPEAK /
2(EQ 2)
Where:
VDC is the DC component of the output voltage.
VPEAK is the highest positive excursion of the AC component of the output voltage.
For the circuit shown in Figure 21:
VRMS = (3.6V - 1.8V) + 1.0V/
2 = 2.507VRMS
IRMS can be calculated as:
IRMS
IDC + (IPEAK/
2)
(EQ 3)
Where:
IDC is the DC component of the output current.
IPEAK is the highest positive excursion of the AC component of the output current.
For the circuit shown in Figure 21:
IRMS = (1.8V/32
) + (1.0V/32)/
2 = 78.4mARMS
Therefore, for the circuit in Figure 21 the package power dissipation can be calculated as:
PPACKAGEDISS = VRMS IRMS COS
= 196mW
Adding a coupling capacitor improves the package power dissipation because there is no DC current to the load, as shown in Figure 22 on
page 11.
VIN = 2VP-P
R
+
–
R
AS1710
32
C
3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com